Electronic Components Datasheet Search
  English  ▼

X  

DA9313 Datasheet(PDF) 11 Page - Dialog Semiconductor

Part # DA9313
Description  High Efficiency Dual Cell Switched Capacitor Divider
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9313 Datasheet(HTML) 11 Page - Dialog Semiconductor

Back Button DA9313 Datasheet HTML 7Page - Dialog Semiconductor DA9313 Datasheet HTML 8Page - Dialog Semiconductor DA9313 Datasheet HTML 9Page - Dialog Semiconductor DA9313 Datasheet HTML 10Page - Dialog Semiconductor DA9313 Datasheet HTML 11Page - Dialog Semiconductor DA9313 Datasheet HTML 12Page - Dialog Semiconductor DA9313 Datasheet HTML 13Page - Dialog Semiconductor DA9313 Datasheet HTML 14Page - Dialog Semiconductor DA9313 Datasheet HTML 15Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
DA9313
High Efficiency Dual Cell Switched Capacitor Divider
Datasheet
Revision 3.0
07-Apr-2017
CFR0011-120-00
11 of 54
© 2017 Dialog Semiconductor
Location
Pin Name
Pin Type
(Table 2)
Description
F10
VOUT_S
AI
Power voltage converter output sense
D12
VCORE
AIO
Main internal supply
C1
nONKEY
AIO
On key signal (active low)
E1
GPIO_0
DIO
General purpose input/output
G1
GPIO_1
DIO
General purpose input/output
F2
SDA
DIO
I
2C data. Must be connected to GND if no I2C interface
D2
SCL
DI
I
2C clock. Must be connected to GND if no I2C interface
E11
AGND
GND
Analog quiet ground
B12, C11,
G11, H12
PGND
GND
Power ground for power voltage converter
Table 2: Pin Type Definition
Pin Type
Description
Pin Type
Description
DI
Digital Input
AI
Analog Input
DO
Digital Output
AO
Analog Output
DIO
Digital Input/Output
AIO
Analog Input/Output
PWR
Power Supply
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com