Electronic Components Datasheet Search
  English  ▼

X  

DA9313 Datasheet(PDF) 42 Page - Dialog Semiconductor

Part # DA9313
Description  High Efficiency Dual Cell Switched Capacitor Divider
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9313 Datasheet(HTML) 42 Page - Dialog Semiconductor

Back Button DA9313 Datasheet HTML 38Page - Dialog Semiconductor DA9313 Datasheet HTML 39Page - Dialog Semiconductor DA9313 Datasheet HTML 40Page - Dialog Semiconductor DA9313 Datasheet HTML 41Page - Dialog Semiconductor DA9313 Datasheet HTML 42Page - Dialog Semiconductor DA9313 Datasheet HTML 43Page - Dialog Semiconductor DA9313 Datasheet HTML 44Page - Dialog Semiconductor DA9313 Datasheet HTML 45Page - Dialog Semiconductor DA9313 Datasheet HTML 46Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 54 page
background image
DA9313
High Efficiency Dual Cell Switched Capacitor Divider
Datasheet
Revision 3.0
07-Apr-2017
CFR0011-120-00
42 of 54
© 2017 Dialog Semiconductor
Table 21: INTERFACE_CTRL 0x07
Bit
Mode
Symbol
Description
Reset
7
R/W
WRITE_MODE
I
2C write mode
0 = Page Write mode
1 = Repeated Write mode
0x0
6
R/W
PM_IF_HSM
Enables continuous High Speed mode on I
2C
interface if asserted (no master code required)
0x0
5
R/W
PC_DONE
Asserted from Power Commander software after
the emulated OTP read has finished, automatically
cleared when leaving emulated OTP read
0x0
4
R/W
I2C_TO_EN
Enables automatic reset of I
2C interface when clock
stays low for > 35 ms
0: Disabled
1: Enabled
0x1
3
R/W
GPIO_0_DEGLITCH
0: Pad Deglitching disabled
1: Pad rejects pulses < 50 ns in duration
0x0
2:0
R/W
GPI_DEBOUNCE
GPI signal debounce time:
000: no debounce
001: 0.125 ms
010: 1.0 ms
011: 10 ms ( default )
100: 30 ms
101: 250 ms
110: 500 ms
111: 750 ms
0x3
Table 22: NONKEY_CTRL 0x08
Bit
Mode
Symbol
Description
Reset
7:6
R/W
SHUT_DELAY
Long press configuration at nONKEY for initiating a
power cycle:
00: Long press function disabled
01: KEY_DELAY + 4 s
10: KEY_DELAY + 5 s
11: KEY_DELAY + 6 s
0x0
5:4
R/W
KEY_DELAY
KEY_DELAY threshold at nONKEY
00: 1 s
01: 1.5 s
10: 2 s
11: 7 s
0x2
3
R/W
NONKEY_PIN
0: An E_nONKEY event is generated when the
debounced signal from port nONKEY goes low
(asserting edge). If not masked, an interrupt is
signaled to the host via nIRQ
1: An E_nONKEY event is generated when the
debounced signal from port nONKEY goes high
(de-asserting edge). If not masked, an interrupt is
signaled to the host via nIRQ
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com