Electronic Components Datasheet Search
  English  ▼

X  

DA9313 Datasheet(PDF) 52 Page - Dialog Semiconductor

Part # DA9313
Description  High Efficiency Dual Cell Switched Capacitor Divider
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9313 Datasheet(HTML) 52 Page - Dialog Semiconductor

Back Button DA9313 Datasheet HTML 46Page - Dialog Semiconductor DA9313 Datasheet HTML 47Page - Dialog Semiconductor DA9313 Datasheet HTML 48Page - Dialog Semiconductor DA9313 Datasheet HTML 49Page - Dialog Semiconductor DA9313 Datasheet HTML 50Page - Dialog Semiconductor DA9313 Datasheet HTML 51Page - Dialog Semiconductor DA9313 Datasheet HTML 52Page - Dialog Semiconductor DA9313 Datasheet HTML 53Page - Dialog Semiconductor DA9313 Datasheet HTML 54Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 52 / 54 page
background image
DA9313
High Efficiency Dual Cell Switched Capacitor Divider
Datasheet
Revision 3.0
07-Apr-2017
CFR0011-120-00
52 of 54
© 2017 Dialog Semiconductor
15 Application Information
The following recommended components are examples selected from requirements of a typical
application.
15.1 Recommended Capacitors
Ceramic capacitors are used as bypass capacitors at input and output rails as well as flying
capacitors for the PVC. When selecting a capacitor the DC bias characteristic has to be taken into
account. For the flying capacitors the temperature rise from maximum ripple current must be
considered.
Table 38: Recommended Capacitor Types
Application
Value
Size
Temp Char
Tol (%)
Rated
V
Type
PVC flying
CFLY
4x 47 µF
0603
X5R ± 15 %
± 20
6.3 V
Murata GRM188R603476ME15
4x 47 µF
0805
X5R ± 15 %
± 20
6.3 V
Murata GRM219R603476ME44#
PVC bypass
CO_PVC and
CIN_PVC
2x 4.7 µF
0402
X5R ± 15 %
± 20
10 V
Murata GRM155R61A475MEAA
PVC bootstrap
CBS_PVC
2x 10 nF
0402
X7R ± 15 %
± 10
16 V
Murata GRM15XR71C103KA86#
2x 10 nF
0201
X7R ± 15 %
± 10
10 V
Murata GRM033R71A103KA01#
VCORE
output bypass
CO_VCORE
1x 2.2 µF
0402
X5R ± 15 %
± 20
6.3 V
Murata GRM155R60J225ME95
PVC input
decoupling
CIN_PVC
2x 4.7 µF
0402
X5R ± 15 %
± 20
16 V
Murata GRM155R61C475ME15
16 Ordering Information
The order number consists of the part number followed by a suffix indicating the packing method. For
details, please consult the customer portal on our web site or your local sales representative.
Table 39: Ordering Information
Part Number (Note 1)
Package Name
Package Description
Package Outline
DA9313-xxVK2
43 WLCSP
Tape and reel (2000 pcs)
Figure 21
DA9313-xxVK6
43 WLCSP
Waffle tray
Figure 21
Note 1
xx is the OTP variant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com