Electronic Components Datasheet Search
  English  ▼

X  

DA9313 Datasheet(PDF) 45 Page - Dialog Semiconductor

Part # DA9313
Description  High Efficiency Dual Cell Switched Capacitor Divider
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9313 Datasheet(HTML) 45 Page - Dialog Semiconductor

Back Button DA9313 Datasheet HTML 41Page - Dialog Semiconductor DA9313 Datasheet HTML 42Page - Dialog Semiconductor DA9313 Datasheet HTML 43Page - Dialog Semiconductor DA9313 Datasheet HTML 44Page - Dialog Semiconductor DA9313 Datasheet HTML 45Page - Dialog Semiconductor DA9313 Datasheet HTML 46Page - Dialog Semiconductor DA9313 Datasheet HTML 47Page - Dialog Semiconductor DA9313 Datasheet HTML 48Page - Dialog Semiconductor DA9313 Datasheet HTML 49Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 54 page
background image
DA9313
High Efficiency Dual Cell Switched Capacitor Divider
Datasheet
Revision 3.0
07-Apr-2017
CFR0011-120-00
45 of 54
© 2017 Dialog Semiconductor
Table 28: PVC_CONFIG_1 0x0E
Bit
Mode
Symbol
Description
Reset
7:6
R/W
PVC_DROP
VDROP: drop from VBAT/2 at which VOUT, when
increasing and crossing (VBAT/2-VDROP) (so
becoming greater), generates a transition to DCM
00: 20 mV
01: 30 mV
10: 40 mV (default)
11: 50 mV
0x2
5:4
R/W
PVC_HYST
VHYST: hysteresis on the VDROP to go back to
CCM. So when VOUT is decreasing and crosses
(VBAT/2-VDROP-VHYST) (so becoming lower), it
generates a transition back to DCM.
00: 0 V
01: 10 mV
10: 20 mV (default)
11: 30 mV.
0x2
3:2
R/W
PVC_MS_DROP
Definition of four levels at which the master triggers
the slave request.
VMSI referenced to VCCM, where VCCM =
(VBAT/2-PVC_DROP-PVC_HYSTMAX):
00: 15 mV below VCCM
01: 30 mV below VCCM (default)
10: 45 mV below VCCM
11: 60 mV below VCCM
Note HYSTMAX is a constant value of 30 mV.
0x1
1:0
R/W
PVC_MS_HYST
MSI comparator hysteresis
00: 0 mV above VMSI
01: 15 mV above VMSI (default)
10: 30 mV above VMSI
11: 45 mV above VMSI
0x1
Table 29: PVC_CONFIG_2 0x0F
Bit
Mode
Symbol
Description
Reset
7:6
R/W
PVC_SLV_IF_PHASE
In master/slave configuration a clock is generated
to control the slave interface.
This clock has a configurable phase offset to the
PVC_CLOCK:
0: 0°
1: 90°
2: 180°
3: 270°
0x0
5:4
R/W
-
Reserved
0x1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com