Electronic Components Datasheet Search
  English  ▼

X  

CCG3 Datasheet(PDF) 29 Page - Cypress Semiconductor

Part # CCG3
Description  USB Type-C Port Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG3 Datasheet(HTML) 29 Page - Cypress Semiconductor

Back Button CCG3 Datasheet HTML 25Page - Cypress Semiconductor CCG3 Datasheet HTML 26Page - Cypress Semiconductor CCG3 Datasheet HTML 27Page - Cypress Semiconductor CCG3 Datasheet HTML 28Page - Cypress Semiconductor CCG3 Datasheet HTML 29Page - Cypress Semiconductor CCG3 Datasheet HTML 30Page - Cypress Semiconductor CCG3 Datasheet HTML 31Page - Cypress Semiconductor CCG3 Datasheet HTML 32Page - Cypress Semiconductor CCG3 Datasheet HTML 33Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
EZ-PD™ CCG3
Document Number: 002-03288 Rev. *J
Page 29 of 45
Internal Main Oscillator
Internal Low-Speed OscillatorPower Down
Table 21. IMO DC Specifications
(Guaranteed by Design)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID218
IIMO1
IMO operating current at 48 MHz
–
–
1000
µA–
Table 22. IMO AC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID.CLK#13
FIMOTOL
Frequency variation at 24, 36, and
48 MHz (trimmed)
–
–
±2
%
–25 °C
TA 85 °C, all VDDD
SID226
TSTARTIMO
IMO start-up time
–
–
7
µs
Guaranteed by
characterization
SID229
TJITRMSIMO2 RMS jitter at 24 MHz
–
145
–
ps
Guaranteed by
characterization
SID.CLK#1
FIMO
IMO frequency
24
–
48
MHz All VDDD
Table 23. ILO DC Specifications
(Guaranteed by Design)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID231
IILO1
ILO operating current
–
0.3
1.05
µA
–
SID233
IILOLEAK
ILO leakage current
–
2
15
nA
–
Table 24. ILO AC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID234
TSTARTILO1
ILO start-up time
–
–
2
ms
Guaranteed by
characterization
SID238
TILODUTY
ILO duty cycle
40
50
60
%
Guaranteed by
characterization
SID.CLK#5
FILO
ILO frequency
20
40
80
kHz
–
Table 25. PD DC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID.PD.1
RP_std
DFP CC termination for default USB
Power
64
80
96
µA
–
SID.PD.2
RP_1.5A
DFP CC termination for 1.5A power
166
180
194.4
µA
–
SID.PD.3
RP_3.0A
DFP CC termination for 3.0A power
304
330
356.4
µA
–
SID.PD.4
RD
UFP CC termination
4.59
5.1
5.61
kΩ
–
SID.PD.5
RD_DB
UFP Dead Battery CC termination on
CC1 and CC2, valid for 1.5A and 3.0A
RP termination values
4.08
5.1
6.12
kΩ
UFP Dead Battery CC
termination on CC1 and CC2.
For Default RP termination,
the voltage on CC1 and CC2
is guaranteed to be <1.32 V.
SID.PD.6
RA
EMCA cable termination
0.8
1.0
1.2
kΩ
All supplies forced to 0 V and
0.2 V applied at VCONN.
SID.PD.7
RA_OFF
EMCA cable termination - Disabled
0.4
0.75
–
MΩ
2.7 V applied at VCONN with
RA disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com