Electronic Components Datasheet Search
  English  ▼

X  

CCG3 Datasheet(PDF) 44 Page - Cypress Semiconductor

Part # CCG3
Description  USB Type-C Port Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG3 Datasheet(HTML) 44 Page - Cypress Semiconductor

Back Button CCG3 Datasheet HTML 37Page - Cypress Semiconductor CCG3 Datasheet HTML 38Page - Cypress Semiconductor CCG3 Datasheet HTML 39Page - Cypress Semiconductor CCG3 Datasheet HTML 40Page - Cypress Semiconductor CCG3 Datasheet HTML 41Page - Cypress Semiconductor CCG3 Datasheet HTML 42Page - Cypress Semiconductor CCG3 Datasheet HTML 43Page - Cypress Semiconductor CCG3 Datasheet HTML 44Page - Cypress Semiconductor CCG3 Datasheet HTML 45Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 44 / 45 page
background image
EZ-PD™ CCG3
Document Number: 002-03288 Rev. *J
Page 44 of 45
*H
5514508
VGT
01/13/2017
Removed Preliminary document status.
Updated Sales information and Copyright details.
Added Gate Driver Specifications in Table 28 and Table 29.
Updated Applications.
Added Figure 16.
Updated Ordering Information:
Added “CYPD3123-40LQXIT” part number.
Removed “CYPD3105-42FNXIT” part number.
*I
5662219
VGT
03/29/2017 Updated Table 2, added non Tape and Reel part numbers and Note 7 in
Table 38, Updated description prior to Figure 11.
*J
6032274
VGT
2/21/2018
Updated description of V5V pin in Table 2.
Removed parameter SID.PWR#13_A from Table 4.
Updated description in USB-PD Subsystem (USBPD SS).
Updated Packaging: 32-pin QFN Package Outline, 001-42168 (*E to *F).
Document History Page (continued)
Document Title: EZ-PD™ CCG3 USB Type-C Port Controller
Document Number: 002-03288
Revision
ECN
Orig. of
Change
Submission
Date
Description of Change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com