Electronic Components Datasheet Search
  English  ▼

X  

CCG3 Datasheet(PDF) 17 Page - Cypress Semiconductor

Part # CCG3
Description  USB Type-C Port Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG3 Datasheet(HTML) 17 Page - Cypress Semiconductor

Back Button CCG3 Datasheet HTML 13Page - Cypress Semiconductor CCG3 Datasheet HTML 14Page - Cypress Semiconductor CCG3 Datasheet HTML 15Page - Cypress Semiconductor CCG3 Datasheet HTML 16Page - Cypress Semiconductor CCG3 Datasheet HTML 17Page - Cypress Semiconductor CCG3 Datasheet HTML 18Page - Cypress Semiconductor CCG3 Datasheet HTML 19Page - Cypress Semiconductor CCG3 Datasheet HTML 20Page - Cypress Semiconductor CCG3 Datasheet HTML 21Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
EZ-PD™ CCG3
Document Number: 002-03288 Rev. *J
Page 17 of 45
Applications
Figure 11 illustrates the application diagram of a power adapter
using a CCG3 device. In this application, CCG3 is used as DFP
(power provider) only. The maximum power profile that can be
supported by power adapters is up to 20 V, 100 W using 40-pin
QFN CCG3 devices. CCG3 has the ability to drive both types of
FETs and the state of GPIO P1.0 (floating or grounded) indicates
the type of FET (N-MOS or P-MOS FET) being used in the power
provider path.
CCG3 integrates all termination resistors and uses GPIOs
(VSEL0 and VSEL1) to indicate the negotiated power profile. If
required, the power profile can also be selected using CCG3
serial interfaces (I2C, SPI) or PWM. The VBUS voltage on the
Type-C port is monitored using internal circuits to detect under-
voltage and overvoltage conditions. To ensure quick discharge
of VBUS when the power adapter cable is detached, a discharge
path is provided with a resistor connected to the VBUS_DIS-
CHARGE pin of the CCG3 device.
Overcurrent protection is enabled by sensing the current through
the 10-m
 sense resistor using the “OC” and “VBUS_P” pins of
the CCG3 device. The VBUS provider through the Type-C
connector can be turned on or off using the provider path FETs.
The power provider FETs are controlled by high-voltage gate
driver outputs (VBUS_P_CTRL0 and VBUS_P_CTRL1 pins of
CCG3 device). The CCG3 device is also capable of supporting
proprietary charging protocols over the DP and DM lines of the
Type-C receptacle. By providing a 5-V source at the V5V pin of
the CCG3 device, the device becomes capable of delivering the
VCONN supply over either the CC1 or CC2 pins of the Type-C
connector.
The CCG3 family's power adapter parts are shipped with
bootloader and application firmware with limited functionality. Its
purpose is to facilitate application flashing over CC line using the
EZ-PD Configuration Utility. The power adapter requires an
explicit power contract to be negotiated prior to enabling the
EZ-PD Configuration utility to flash the application firmware. This
application firmware, based on the state of the GPIO (P1.0),
determines the type of provider load switch (NFET/PFET) and
supplies the 5-V VBUS over Type-C.
Figure 11. Power Adapter Application Diagram (40-QFN Device)
CYPD3135-40LQXIT
40QFN
VSEL2/P0.0
28
VSEL1/P0.1
27
DC/DC
OR
AC-DC Secondary
(5-20V)
VSEL2
VSEL1
VBUS_P
40
VBUS
31
1
F
50V
X7R
GND
33
VBUS_P_CTRL1
CC2
CC1
VBUS_DISCHARGE
1
32
3
5
Type-C
Receptacle
VSYS
20
VDDD
VDDIO
17
18
1
F
10V
X7R
390pF
5%
X7R
390pF
5%
X7R
2
VBUS_P_CTRL0
100
10
F
50V
26
XRES
19
VCCD
1.3
F
10V
X7R
0.1
F
CC2
CC1
DPLUS
DMINUS
22
21
12
SBU1
13
SBU2
AUX_P
11
AUX_N
14
GPIO
8, 9, 10, 15, 16, 24, 25,
34, 35, 36, 37, 38
VBUS_C_CTRL1
29
VBUS_C_CTRL0 30
10 m
 1%
39
OC
VBUS_OC
DMN3018SSD-13
DMN3018SSD-13
V5V
P2.4
23
4
D
G
S
S
G
D
5V
VBUS
GND
VBUS_OUT
VBUS_IN
X
X
X
XX
X
X
10M
10M
100K
10K
VBUS_OUT
VCONN
6
X
7
P1.0
X
P1.0 indicates FET type in design.
Floating condition indicates NFETs
and connected to GND indicates
PFETs in provider path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com