Electronic Components Datasheet Search
  English  ▼

X  

CCG3 Datasheet(PDF) 35 Page - Cypress Semiconductor

Part # CCG3
Description  USB Type-C Port Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG3 Datasheet(HTML) 35 Page - Cypress Semiconductor

Back Button CCG3 Datasheet HTML 31Page - Cypress Semiconductor CCG3 Datasheet HTML 32Page - Cypress Semiconductor CCG3 Datasheet HTML 33Page - Cypress Semiconductor CCG3 Datasheet HTML 34Page - Cypress Semiconductor CCG3 Datasheet HTML 35Page - Cypress Semiconductor CCG3 Datasheet HTML 36Page - Cypress Semiconductor CCG3 Datasheet HTML 37Page - Cypress Semiconductor CCG3 Datasheet HTML 38Page - Cypress Semiconductor CCG3 Datasheet HTML 39Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
EZ-PD™ CCG3
Document Number: 002-03288 Rev. *J
Page 35 of 45
Packaging
Table 39. Package Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Units
TA
Operating ambient temperature
Industrial
–40
25
85
°C
Extended Industrial
105
°C
TJ
Operating junction temperature
Industrial
–40
25
100
°C
Extended Industrial
125
°C
TJA
Package
JA (40-pin QFN)
–
–
–
17
°C/W
TJC
Package
JC (40-pin QFN)
–
–
–
2
°C/W
TJA
Package
JA (42-ball WLCSP)
–
–
–
34
°C/W
TJC
Package
JC (42-ball WLCSP)
–
–
–
0.3
°C/W
TJA
Package
JA (32-pin QFN)
–
–
–
18
°C/W
TJC
Package
JC (32-pin QFN)
–
–
–
4
°C/W
Table 40. Solder Reflow Peak Temperature
Package
Maximum Peak Temperature
Maximum Time within 5 °C of Peak
Temperature
40-pin QFN
260 °C
30 seconds
42-ball WLCSP
260 °C
30 seconds
32-pin QFN
260 °C
30 seconds
Table 41. Package Moisture Sensitivity Level (MSL), IPC/JEDEC J-STD-2
Package
MSL
42-ball WLCSP
MSL 1
40-pin QFN
MSL 3
32-pin QFN
MSL 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com