Electronic Components Datasheet Search
  English  ▼

X  

CCG3 Datasheet(PDF) 43 Page - Cypress Semiconductor

Part # CCG3
Description  USB Type-C Port Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG3 Datasheet(HTML) 43 Page - Cypress Semiconductor

Back Button CCG3 Datasheet HTML 37Page - Cypress Semiconductor CCG3 Datasheet HTML 38Page - Cypress Semiconductor CCG3 Datasheet HTML 39Page - Cypress Semiconductor CCG3 Datasheet HTML 40Page - Cypress Semiconductor CCG3 Datasheet HTML 41Page - Cypress Semiconductor CCG3 Datasheet HTML 42Page - Cypress Semiconductor CCG3 Datasheet HTML 43Page - Cypress Semiconductor CCG3 Datasheet HTML 44Page - Cypress Semiconductor CCG3 Datasheet HTML 45Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 43 / 45 page
background image
EZ-PD™ CCG3
Document Number: 002-03288 Rev. *J
Page 43 of 45
*E (cont.)
5240836
VGT
04/28/2016
Updated Power Systems Overview: Updated description.
Updated Figure 3.
Updated Pinouts:
Updated Table 2:
Updated details in “Description” column corresponding to VDDIO pin.
Removed table “CCG3 Pin Description for 16-SOIC Device”.
Removed figure “Pinout of 16-SOIC Package (Top View)”.
Updated Applications: Removed figure “Power Adapter Application Diagram
(16-SOIC Device)”.
Added Figure 12.
Updated Electrical Specifications:
Updated Device-Level Specifications:
Updated Table 4.
Updated details in “Details/Conditions” column corresponding to
“SID.PWR#1_A” Spec ID and “VSYS” parameter.
Replaced “VDDD” with “5.5” in “Max” column corresponding to “SID.PWR#13”
Spec ID and “VDDIO” parameter.
Added “SID.PWR#13_A” Spec ID corresponding to “VDDIO” parameter and its
details.
Added “SID.PWR#1_C” and “SID.PWR#1_D” Spec IDs corresponding to
“VSYS” parameter and its details.
Replaced “enabled” with “disabled” in “Details/Conditions” column
corresponding to “SID.PwR#28” Spec ID and “VBUS” parameter.
Updated details in “Description” and “Details/Conditions” columns
corresponding to “SID307” Spec ID and “IDD_XR” parameter.
Updated System Resources:
Added Gate Driver Specifications, Charger Detect.
Updated Ordering Information: Updated part numbers.
Updated details in “Application” column corresponding to part number
“CYPD3121-40LQXIT”.
Updated Ordering Code Definitions
Updated Packaging: Removed spec 51-85022 *E.
Removed Errata.
*F
5342389
VGT
07/28/2016
Added Available Firmware and Software Tools, CCG3 Programming and
Bootloading, and References and Links to Applications Collaterals.
Added descriptive notes for the application diagrams.
Updated Features, Applications and Timer/Counter/PWM Block (TCPWM).
Updated Table 2 through Table 6, Table 18, Table 19, Table 22, Table 23,
Table 25, and Table 31 through Table 38.
Updated Figure 7, Figure 8, Figure , Figure 11, and Figure 19 (package
diagram spec 001-42168 *E).
Added Figure 5, Figure 13, and Figure 14.
Added Table 26, Table 27, Table 37, and Table 39 through Table 41.
Added VDM in Acronyms.
Updated Cypress logo and copyright information.
*G
5449433
VGT
09/26/2016
Added Table 34 through Table 36.
Updated Table 3, Table 4, Table 6, and Table 37.
Updated Copyright and Disclaimer.
Added Compliance information in Sales, Solutions, and Legal Information.
Document History Page (continued)
Document Title: EZ-PD™ CCG3 USB Type-C Port Controller
Document Number: 002-03288
Revision
ECN
Orig. of
Change
Submission
Date
Description of Change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com