Electronic Components Datasheet Search
  English  ▼

X  

CCG3 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CCG3
Description  USB Type-C Port Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG3 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CCG3 Datasheet HTML 4Page - Cypress Semiconductor CCG3 Datasheet HTML 5Page - Cypress Semiconductor CCG3 Datasheet HTML 6Page - Cypress Semiconductor CCG3 Datasheet HTML 7Page - Cypress Semiconductor CCG3 Datasheet HTML 8Page - Cypress Semiconductor CCG3 Datasheet HTML 9Page - Cypress Semiconductor CCG3 Datasheet HTML 10Page - Cypress Semiconductor CCG3 Datasheet HTML 11Page - Cypress Semiconductor CCG3 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
EZ-PD™ CCG3
Document Number: 002-03288 Rev. *J
Page 8 of 45
Power Systems Overview
Figure 3 shows an overview of the CCG3 power system
requirement. CCG3 shall be able to operate from two possible
external supply sources VBUS (4.0 V–21.5 V) or VSYS (2.7 V–
5.5 V). The VBUS supply is regulated inside the chip with a
low-dropout regulator (LDO) down to 3.3-V level. The chip’s
internal VDDD rail is intelligently switched between the output of
the VBUS regulator and unregulated VSYS. The switched
supply, VDDD is either used directly inside some analog blocks
or further regulated down to VCCD which powers majority of the
core using regulators. Besides Reset mode, CCG3 has three
different power modes: Active, Sleep and Deep Sleep,
transitions between which are managed by the Power System.
A separate power domain VDDIO is provided for the GPIOs. The
VDDD and VCCD pins, both the output of regulators are brought
out for connecting a 1-µF capacitor for the regulator stability only.
These pins are not supported as power supplies. When CCG3 is
powered from VSYS that is greater than 3.3 V, the dedicated
USB regulator allows USB operation.
Figure 3. EZ-PD CCG3 Power System Block Diagram
Table 1. CCG3 Power Modes
Mode
Description
RESET
Power is Valid and XRES is not asserted. An internal reset source is asserted or SleepController
is sequencing the system out of reset.
ACTIVE
Power is Valid and CPU is executing instructions.
SLEEP
Power is Valid and CPU is not executing instructions. All logic that is not operating is clock gated
to save power.
DEEP SLEEP
Main regulator and most hard-IP are shut off. Deep Sleep regulator powers logic, but only
low-frequency clock is available.
VSS
VBUS
VDDD
Regulator
VSYS
VCCD
Core
VDDIO
GPIO
CC
Tx/Rx
CCG3
CC1, CC2
VCONN
VSS
LDO
Switch
FS-USB
TX/RX
DP, DM
RA
OVP
Gate Driver
VBUS_C_CTRL
OCP
Gate Driver
VBUS_P_CTRL
VBUS_P
OC
VBUS_DISCHARGE
1uF
1uF
1uF
1uF
USB Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com