Electronic Components Datasheet Search
  English  ▼

X  

CCG3 Datasheet(PDF) 27 Page - Cypress Semiconductor

Part # CCG3
Description  USB Type-C Port Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG3 Datasheet(HTML) 27 Page - Cypress Semiconductor

Back Button CCG3 Datasheet HTML 23Page - Cypress Semiconductor CCG3 Datasheet HTML 24Page - Cypress Semiconductor CCG3 Datasheet HTML 25Page - Cypress Semiconductor CCG3 Datasheet HTML 26Page - Cypress Semiconductor CCG3 Datasheet HTML 27Page - Cypress Semiconductor CCG3 Datasheet HTML 28Page - Cypress Semiconductor CCG3 Datasheet HTML 29Page - Cypress Semiconductor CCG3 Datasheet HTML 30Page - Cypress Semiconductor CCG3 Datasheet HTML 31Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
EZ-PD™ CCG3
Document Number: 002-03288 Rev. *J
Page 27 of 45
I2C
Table 10. Fixed I2C DC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID149
II2C1
Block current consumption at 100 kHz
–
–
60
µA–
SID150
II2C2
Block current consumption at 400 kHz
–
–
185
µA–
SID151
II2C3
Block current consumption at 1 Mbps
–
–
390
µA–
SID152
II2C4
I2C enabled in Deep Sleep mode
–
–
1.4
µA–
Table 11. Fixed I2C AC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID153
FI2C1
Bit rate
–
–
1
Mbps
–
Table 12. Fixed UART DC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID160
IUART1
Block current consumption at
100 Kb/s
–
–
125
µA
–
SID161
IUART2
Block current consumption at
1000 Kb/s
––
312
µA
–
Table 13. Fixed UART AC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID162
FUART
Bit rate
–
–
1
Mbps
–
Table 14. Fixed SPI DC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID163
ISPI1
Block current consumption at 1 Mb/s
–
–
360
µA
–
SID164
ISPI2
Block current consumption at 4 Mb/s
–
–
560
µA
–
SID165
ISPI3
Block current consumption at 8 Mb/s
–
–
600
µA
–
Table 15. Fixed SPI AC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID166
FSPI
SPI Operating frequency (Master; 6X
oversampling)
––
8
MHz
–
Table 16. Fixed SPI Master Mode AC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID167
TDMO
MOSI Valid after SClock driving edge
–
–
15
ns
–
SID168
TDSI
MISO Valid before SClock capturing
edge
20
–
–
ns
Full clock, late MISO
sampling
SID169
THMO
Previous MOSI data hold time
0
–
–
ns
Referred to slave capturing
edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com