Electronic Components Datasheet Search
  English  ▼

X  

CCG3 Datasheet(PDF) 38 Page - Cypress Semiconductor

Part # CCG3
Description  USB Type-C Port Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG3 Datasheet(HTML) 38 Page - Cypress Semiconductor

Back Button CCG3 Datasheet HTML 34Page - Cypress Semiconductor CCG3 Datasheet HTML 35Page - Cypress Semiconductor CCG3 Datasheet HTML 36Page - Cypress Semiconductor CCG3 Datasheet HTML 37Page - Cypress Semiconductor CCG3 Datasheet HTML 38Page - Cypress Semiconductor CCG3 Datasheet HTML 39Page - Cypress Semiconductor CCG3 Datasheet HTML 40Page - Cypress Semiconductor CCG3 Datasheet HTML 41Page - Cypress Semiconductor CCG3 Datasheet HTML 42Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
EZ-PD™ CCG3
Document Number: 002-03288 Rev. *J
Page 38 of 45
Acronyms
Table 42. Acronyms Used in this Document
Acronym
Description
ADC
analog-to-digital converter
AES
advanced encryption standard
AHB
AMBA (advanced microcontroller bus architecture)
high-performance bus
API
application programming interface
ARM®
advanced RISC machine, a CPU architecture
BMC
Biphase Mark Code
CC
configuration channel
CCG3
Cable Controller Generation 3
CPU
central processing unit
CRC
cyclic redundancy check, an error-checking
protocol
CS
current sense
DFP
downstream facing port
DIO
digital input/output, GPIO with only digital capabil-
ities, no analog. See GPIO.
DRP
dual role port
EEPROM
electrically erasable programmable read-only
memory
EMCA
electronically marked cable assembly, a USB cable
that includes an IC that reports cable
characteristics (e.g., current rating) to the Type-C
ports
EMI
electromagnetic interference
ESD
electrostatic discharge
FS
full-speed
GPIO
general-purpose input/output
HPD
hot plug detect
IC
integrated circuit
IDE
integrated development environment
I2C, or IIC Inter-Integrated Circuit, a communications protocol
ILO
internal low-speed oscillator, see also IMO
IMO
internal main oscillator, see also ILO
IOSS
input/output subsystem
I/O
input/output, see also GPIO
LDO
low-dropout regulator
LVD
low-voltage detect
LVTTL
low-voltage transistor-transistor logic
MCU
microcontroller unit
MMIO
memory mapped input/output
NC
no connect
NMI
nonmaskable interrupt
NVIC
nested vectored interrupt controller
opamp
operational amplifier
OCP
overcurrent protection
OVP
overvoltage protection
PCB
printed circuit board
PD
power delivery
PGA
programmable gain amplifier
PHY
physical layer
POR
power-on reset
PRES
precise power-on reset
PSoC®
Programmable System-on-Chip™
PWM
pulse-width modulator
RAM
random-access memory
RISC
reduced-instruction-set computing
RMS
root-mean-square
RTC
real-time clock
RX
receive
SAR
successive approximation register
SCB
serial communication block
SCL
I2C serial clock
SDA
I2C serial data
S/H
sample and hold
SHA
secure hash algorithm
SPI
Serial Peripheral Interface, a communications
protocol
SRAM
static random access memory
SWD
serial wire debug, a test protocol
TCPWM
timer/counter pulse-width modulator
Thunder-
bolt
Trademark of Intel
TX
transmit
Type-C
a new standard with a slimmer USB connector and
a reversible cable, capable of sourcing up to 100 W
of power
UART
Universal Asynchronous Transmitter Receiver, a
communications protocol
USB
Universal Serial Bus
USB PD
USB Power Delivery
USB-FS
USB Full-Speed
USBIO
USB input/output, CCG2 pins used to connect to a
USB port
USBPD SS USB PD subsystem
VDM
vendor defined messages
XRES
external reset I/O pin
Table 42. Acronyms Used in this Document (continued)
Acronym
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com