Electronic Components Datasheet Search
  English  ▼

X  

CCG3 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CCG3
Description  USB Type-C Port Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG3 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CCG3 Datasheet HTML 1Page - Cypress Semiconductor CCG3 Datasheet HTML 2Page - Cypress Semiconductor CCG3 Datasheet HTML 3Page - Cypress Semiconductor CCG3 Datasheet HTML 4Page - Cypress Semiconductor CCG3 Datasheet HTML 5Page - Cypress Semiconductor CCG3 Datasheet HTML 6Page - Cypress Semiconductor CCG3 Datasheet HTML 7Page - Cypress Semiconductor CCG3 Datasheet HTML 8Page - Cypress Semiconductor CCG3 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
EZ-PD™ CCG3
Document Number: 002-03288 Rev. *J
Page 4 of 45
EZ-PD CCG3 Block Diagram
Figure 1. EZ-PD CCG3 Block Diagram[1]
CCG3
32-bit
AHB-Lite
CPU Subsystem
SRAM
8 KB
SRAM Controller
ROM
8 KB
ROM Controller
FLASH
2x64 KB
Read Accelerator
SPCIF
Deep Sleep
Active/Sleep
SWD/TC
NVIC, IRQMX
Cortex
M0
48 MHz
FAST MUL
System Interconnect (Single Layer AHB)
I/O Subsystem
22 x GPIOs, 2 x OVTs
Peripherals
Peripheral Interconnect (MMIO)
PCLK
High Speed I/O Matrix
Power Modes
DFT Logic
Test
DFT Analog
System Resources
Lite
Power
Clock
WDT
ILO
Reset
Clock Control
IMO
Sleep Control
PWRSYS
REF
POR
WIC
Reset Control
XRES
USB-FS
FS-PHY
USB-PD SS
Pads, ESD
Note
1. See Acronyms section for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com