Electronic Components Datasheet Search
  English  ▼

X  

CCG3 Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # CCG3
Description  USB Type-C Port Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG3 Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button CCG3 Datasheet HTML 19Page - Cypress Semiconductor CCG3 Datasheet HTML 20Page - Cypress Semiconductor CCG3 Datasheet HTML 21Page - Cypress Semiconductor CCG3 Datasheet HTML 22Page - Cypress Semiconductor CCG3 Datasheet HTML 23Page - Cypress Semiconductor CCG3 Datasheet HTML 24Page - Cypress Semiconductor CCG3 Datasheet HTML 25Page - Cypress Semiconductor CCG3 Datasheet HTML 26Page - Cypress Semiconductor CCG3 Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
EZ-PD™ CCG3
Document Number: 002-03288 Rev. *J
Page 23 of 45
Electrical Specifications
Absolute Maximum Ratings
Table 3. Absolute Maximum Ratings
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
VSYS_MAX
Digital supply relative to VSS
–0.5
–
6
V
Absolute max
V5V
Max supply voltage relative to VSS
––
6
V
VBUS_MAX_ON
Max supply voltage relative to VSS,
VBUS regulator enabled
––
26
V
VBUS_MAX_OFF
Max supply voltage relative to VSS,
VBUS regulator enabled 100% of the
time
––
24.5
V
Max supply voltage relative to VSS,
VBUS regulator enabled 25% of the
time
––
26
V
VDDIO_MAX
Max supply voltage relative to VSS
––
6
V
VGPIO_ABS
GPIO voltage
–0.5
–
VDDIO + 0.5
V
VGPIO_OVT_ABS OVT GPIO voltage
–0.5
–
6
V
IGPIO_ABS
Maximum current per GPIO
–25
–
25
mA
VCONN_MAX
Max voltage relative to VSS
––
6
V
VCC_ABS
Max voltage on CC1 and CC2 pins
–
–
6
V
IGPIO_INJECTION
GPIO injection current, Max for VIH >
VDDD, and Min for VIL < VSS
–0.5
–
0.5
mA Absolute max, current injected per pin
ESD_HBM
Electrostatic discharge human body
model
2200
–
–
V
–
ESD_CDM
Electrostatic discharge charged
device model
500
–
–
V
–
LU
Pin current for latch-up
–100
–
100
mA Tested at 125 °C
ESD_IEC_CON Electrostatic discharge IEC61000-4-2 8000
–
–
V
Contact discharge on CC1, CC2, VBUS,
DPLUS, DMINUS, SBU1 and SBU2 pins
ESD_IEC_AIR Electrostatic discharge IEC61000-4-2 15000
–
–
V
Air discharge for CC1, CC2, VBUS,
DPLUS, DMINUS, SBU1 and SBU2 pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com