Electronic Components Datasheet Search
  English  ▼

X  

CCG3 Datasheet(PDF) 37 Page - Cypress Semiconductor

Part # CCG3
Description  USB Type-C Port Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG3 Datasheet(HTML) 37 Page - Cypress Semiconductor

Back Button CCG3 Datasheet HTML 33Page - Cypress Semiconductor CCG3 Datasheet HTML 34Page - Cypress Semiconductor CCG3 Datasheet HTML 35Page - Cypress Semiconductor CCG3 Datasheet HTML 36Page - Cypress Semiconductor CCG3 Datasheet HTML 37Page - Cypress Semiconductor CCG3 Datasheet HTML 38Page - Cypress Semiconductor CCG3 Datasheet HTML 39Page - Cypress Semiconductor CCG3 Datasheet HTML 40Page - Cypress Semiconductor CCG3 Datasheet HTML 41Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
EZ-PD™ CCG3
Document Number: 002-03288 Rev. *J
Page 37 of 45
Figure 19. 32-pin QFN Package Outline, 001-42168
BOTTOM VIEW
TOP VIEW
SIDE VIEW
SEE NOTE 1
4. DIMENSIONS ARE IN MILLIMETERS
2. BASED ON REF JEDEC # MO-248
NOTES:
1.
HATCH AREA IS SOLDERABLE EXPOSED PAD
3. PACKAGE WEIGHT: 0.0388g
DIMENSIONS
NOM.
MIN.
b
E
D
A
A1
-
SYMBOL
MAX.
0.60
0.045
0.50 TYP
L
0.18
0.25
0.30
E2
D2
e
0.40
0.30
0.50
3.40
3.50
3.60
A2
0.15 BSC
4.90
5.00
5.10
4.90
5.00
5.10
3.40
3.50
3.60
0.55
0.50
0.020
001-42168 *F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com