Electronic Components Datasheet Search
  English  ▼

X  

CCG3 Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # CCG3
Description  USB Type-C Port Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG3 Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button CCG3 Datasheet HTML 18Page - Cypress Semiconductor CCG3 Datasheet HTML 19Page - Cypress Semiconductor CCG3 Datasheet HTML 20Page - Cypress Semiconductor CCG3 Datasheet HTML 21Page - Cypress Semiconductor CCG3 Datasheet HTML 22Page - Cypress Semiconductor CCG3 Datasheet HTML 23Page - Cypress Semiconductor CCG3 Datasheet HTML 24Page - Cypress Semiconductor CCG3 Datasheet HTML 25Page - Cypress Semiconductor CCG3 Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
EZ-PD™ CCG3
Document Number: 002-03288 Rev. *J
Page 22 of 45
Figure 16 illustrates a CCG3 device based Charge-through
Dongle application block diagram. This Charge-through dongle
application also implements Cypress’s USB SuperSpeed Hub
controller HX3 (CYUSB3304-68LTXI) available in 68-QFN
package, Low-power single chip USB 3.0 to Gigabit Ethernet
Bridge Controller GX3 (CYUSB3610-68LTXC) available in
68-QFN package and the CCG2 (CYPD2122-24LQXI) which
acts as an Upstream Facing Port (UFP) and sinks power when
connected to USB Type-C chargers.
This application enables connectivity between a USB Type-C
Notebook and HDMI Display, legacy USB device and Gigabit
Ethernet while also connecting a USB Type-C charging cable.
The Charge-Through Dongle solution allows simultaneous HDMI
display, Superspeed data transfers, Ethernet connection and
charging of a USB Type-C Notebook. Charge-Through Dongle is
also widely known as Multiport Adapter. More details including
the schematic of the CCG3 device based Charge-through
Dongle reference design can be found here.
Figure 16. Charge-through Dongle Application Block Diagram (40-QFN Device)
Type-C plug
Type-C receptacle
for Charging
From DFP
Charger
USB3.1
Type-A
Receptacle
CC
VCONN_N
HS lines
VBUS_A
VBUS_C
Legacy USB
devices
CC
HDMI
Receptacle
DP to HDMI
Protocol Convertor
MegaChips
MCDP2900
2x lane DP
8
Cypress
HX3
CYUSB3304CYUSB3304
68-QFN
SS lines
SS/HS lines
3.3V
1.2V
5V
VBUS_N
I2C
To Display
Power
5.0V
3.3V
1.2V
VBUS_C
VBUS_N
DS1
DS3
To Notebook
CCG2
UFP
CYPD2122
24-QFN
VCONN_N
CCG3
DRP
CYPD3123
40-QFN
HS lines
4
4
Ethernet Port
DS2
3.3V 1.2V
5V
Cypress GX3
CYUSB3610
68-QFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com