Electronic Components Datasheet Search
  English  ▼

X  

CCG3 Datasheet(PDF) 32 Page - Cypress Semiconductor

Part # CCG3
Description  USB Type-C Port Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG3 Datasheet(HTML) 32 Page - Cypress Semiconductor

Back Button CCG3 Datasheet HTML 28Page - Cypress Semiconductor CCG3 Datasheet HTML 29Page - Cypress Semiconductor CCG3 Datasheet HTML 30Page - Cypress Semiconductor CCG3 Datasheet HTML 31Page - Cypress Semiconductor CCG3 Datasheet HTML 32Page - Cypress Semiconductor CCG3 Datasheet HTML 33Page - Cypress Semiconductor CCG3 Datasheet HTML 34Page - Cypress Semiconductor CCG3 Datasheet HTML 35Page - Cypress Semiconductor CCG3 Datasheet HTML 36Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
EZ-PD™ CCG3
Document Number: 002-03288 Rev. *J
Page 32 of 45
Analog to Digital Converter
Table 32. ADC DC Specifications (Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID.ADC.1
Resolution
ADC resolution
–
8
–
Bits
–
SID.ADC.2
INL
Integral non-linearity
–1.5
–
1.5
LSB
–
SID.ADC.3
DNL
Differential non-linearity
–2.5
–
2.5
LSB
–
SID.ADC.4
Gain Error
Gain error
–1
–
1
LSB
–
Table 33. ADC AC Specifications (Guaranteed by Design)
Spec ID
Parameter
Description
Min
Typ
Max Units
Details/Conditions
SID.ADC.5
SLEW_Max
Rate of change of sampled voltage
signal
––
3
V/ms
–
Table 34. VBUS_C Regulator DC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID.20vreg.1 VBUSREG
VBUS regulator output voltage
measured at VDDD for
VBUS = 4.5 V to 21.5 V
3–
3.6
V
VBUS = 4.5 V - 21.5 V range.
VDDD voltage measured with no
load and a load of 30 mA.
SID.20vreg.2 VBUSREG2
VBUS regulator output voltage
measured at VDDD for
VBUS = 3.5 V to 21.5 V
3–
3.6
V
VBUS = 4.5 V - 21.5 V range.
VDDD voltage measured with no
load and a load of 15 mA.
SID.20vreg.6 VBUSLINREG
VBUS regulator line regulation
for VBUS from 4.5 V to 21.5 V
––
0.5
%/V
VBUS supply varied from 4.5 V to
21.5 V and the change in the VDDD
measured.
Guaranteed by Characterization.
SID.20vreg.8 VBUSLOADREG VBUS regulator load regulation
for VBUS from 4.5 V to 21.5 V
––
0.2
%/mA
Supply of 4.5 V - 21.5 V applied on
VBUS and the load current swept
from 0 to 30 mA. The change in
VDDD is measured.
Guaranteed by Characterization.
Table 35. VBUS_C Regulator AC Specifications (Guaranteed by Characterization)
Spec ID
Parameter
Description
Min Typ Max Units
Details/Conditions
AC.20vreg.1 TSTART
Regulator Start-up time
–
–
120
µs
Apply VBUS and measure start time on
VDDD pin.
AC.20vreg.2 TSTOP
Regulator power down time
–
–
1
µs
Time from assertion of an internal disable
signal to for load current on VDDD to
decrease from 30 mA to 10 µA.
Table 36. VSYS Switch Specification
Spec ID
Parameter
Description
Min Typ Max Units
Details/Conditions
SID.vddsw.1 Res_sw
Resistance from VSYS supply
input to the output supply
VDDD
––
1.5
Ω
Measured with a load current of 5 mA - 10 mA
on VDDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com