Electronic Components Datasheet Search
  English  ▼

X  

CCG3 Datasheet(PDF) 26 Page - Cypress Semiconductor

Part # CCG3
Description  USB Type-C Port Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG3 Datasheet(HTML) 26 Page - Cypress Semiconductor

Back Button CCG3 Datasheet HTML 22Page - Cypress Semiconductor CCG3 Datasheet HTML 23Page - Cypress Semiconductor CCG3 Datasheet HTML 24Page - Cypress Semiconductor CCG3 Datasheet HTML 25Page - Cypress Semiconductor CCG3 Datasheet HTML 26Page - Cypress Semiconductor CCG3 Datasheet HTML 27Page - Cypress Semiconductor CCG3 Datasheet HTML 28Page - Cypress Semiconductor CCG3 Datasheet HTML 29Page - Cypress Semiconductor CCG3 Datasheet HTML 30Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
EZ-PD™ CCG3
Document Number: 002-03288 Rev. *J
Page 26 of 45
XRES
Digital Peripherals
The following specifications apply to the Timer/Counter/PWM peripherals in the Timer mode.
Pulse Width Modulation (PWM) for GPIO Pins
OVT
SID.GIO#46
IIHS
Input current when Pad >
VDDIO for OVT inputs
––
10.00
µAPer I2C specification
Table 7. I/O AC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min Typ Max Units
Details/Conditions
SID70
TRISEF
Rise time in Fast Strong mode
2
–
12
ns
3.3 V VDDIO, Cload = 25 pF
SID71
TFALLF
Fall time in Fast Strong mode
2
–
12
ns
3.3 V VDDIO, Cload = 25 pF
Table 6. I/O DC Specifications (continued)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
Table 8. XRES DC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID.XRES#1 VIH_XRES
Input voltage HIGH
threshold on XRES pin
0.7 × VDDIO
–
–
V
CMOS input
SID.XRES#2 VIL_XRES
Input voltage LOW
threshold on XRES pin
–
–
0.3 × VDDIO
V
CMOS input
SID.XRES#3 CIN_XRES
Input capacitance on
XRES pin
––
7
pF
Guaranteed by charac-
terization
SID.XRES#4 VHYSXRES
Input voltage hysteresis
on XRES pin
–
0.05 × VDDIO
–
mV
Guaranteed by charac-
terization
Table 9. PWM AC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID.TCPWM.3
TCPWMFREQ Operating frequency
–
–
Fc
MHz Fc max = CLK_SYS.
Maximum = 48 MHz.
SID.TCPWM.4
TPWMENEXT Input trigger pulse width
2/Fc
–
–
ns
For all trigger events
SID.TCPWM.5
TPWMEXT
Output trigger pulse width
2/Fc
–
–
ns
Minimum possible width of
Overflow, Underflow, and CC
(Counter equals Compare
value) outputs
SID.TCPWM.5A TCRES
Resolution of counter
1/Fc
–
–
ns
Minimum time between
successive counts
SID.TCPWM.5B PWMRES
PWM resolution
1/Fc
–
–
ns
Minimum pulse width of PWM
output
SID.TCPWM.5C QRES
Quadrature inputs resolution
1/Fc
–
–
ns
Minimum pulse width between
quadrature-phase inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com