Electronic Components Datasheet Search
  English  ▼

X  

CCG3 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CCG3
Description  USB Type-C Port Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG3 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CCG3 Datasheet HTML 2Page - Cypress Semiconductor CCG3 Datasheet HTML 3Page - Cypress Semiconductor CCG3 Datasheet HTML 4Page - Cypress Semiconductor CCG3 Datasheet HTML 5Page - Cypress Semiconductor CCG3 Datasheet HTML 6Page - Cypress Semiconductor CCG3 Datasheet HTML 7Page - Cypress Semiconductor CCG3 Datasheet HTML 8Page - Cypress Semiconductor CCG3 Datasheet HTML 9Page - Cypress Semiconductor CCG3 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
EZ-PD™ CCG3
Document Number: 002-03288 Rev. *J
Page 6 of 45
The Overvoltage/Undervoltage (OV/UV) block monitors the
VBUS_C
supply
for
programmable
overvoltage
and
undervoltage conditions. The CSA amplifies the voltage across
an external sense resistor, which is proportional to the current
being drawn from the external DC-DC VBUS supply converter.
The CSA output can either be measured with an ADC or
configured to detect an overcurrent condition. The VBUS_P and
VBUS_C gate drivers control the gates of external power FETs
for the VBUS_C and VBUS_P supplies. The gate drivers can be
configured to support both P and N type external power FETs.
The gate drivers are configured by default for nFET devices. In
applications using pFETs, the gate drivers must be appropriately
configured. The OV/UV and CSA blocks can generate interrupts
to automatically turn off the power FETs for the programmed
overvoltage and overcurrent conditions. The VBUS_C discharge
switch allows for discharging the VBUS_C line through an
external resistor.
The USB-PD subsystem also contains two 8-bit Successive
Approximation Register (SAR) ADCs for analog to digital
conversions. The voltage reference for the ADCs is generated
from the VDDD supply. Each ADC includes an 8-bit DAC and a
comparator. The DAC output forms the positive input of the
comparator. The negative input of the comparator is from a
4-input multiplexer. The four inputs of the multiplexer are a pair
of global analog multiplex busses, an internal bandgap voltage
and an internal voltage proportional to the absolute temperature.
Each GPIO pin can be connected to the global Analog Multiplex
Busses through a switch, which allows either ADC to sample the
pin voltage. When sensing the GPIO pin voltage with an ADC,
the pin voltage cannot exceed the VDDIO supply value.
Figure 2. USB-PD Subsystem
Full-Speed USB Subsystem
The FSUSB subsystem contains a full-speed USB device
controller as described in the Integrated Billboard Device
section.
Peripherals
Serial Communication Blocks (SCB)
EZ-PD CCG3 has four SCBs, which can be configured to
implement an I2C, SPI, or UART interface. The hardware I2C
blocks implement full multi-master and slave interfaces capable
of multimaster arbitration. In the SPI mode, the SCB blocks can
be configured to act as master or slave.
In the I2C mode, the SCB blocks are capable of operating at
speeds of up to 1 Mbps (Fast Mode Plus) and have flexible
buffering options to reduce interrupt overhead and latency for the
CPU. These blocks also support I2C that creates a mailbox
address range in the memory of EZ-PD CCG3 and effectively
reduce I2C communication to reading from and writing to an
array in memory. In addition, the blocks support 8-deep FIFOs
for receive and transmit which, by increasing the time given for
the CPU to read data, greatly reduce the need for clock
stretching caused by the CPU not having read data on time.
The I2C peripherals are compatible with the I2C Standard-mode,
Fast-mode, and Fast-mode Plus devices as defined in the NXP
I2C-bus specification and user manual (UM10204).
The I2C bus I/Os are implemented with GPIO in open-drain
modes.
VBUS_C
V5V
LDO
POWER
SWITCH
charger
dc-dc
OV/UV
OC
CSA
VSYS
VDDD
RA
VCONN
Leaker
PRODUCER N/PFETs
VBUS_P_CTRL
Gate
Driver
Gate
Driver
VBUS_C_CTRL
VBUS_DISCHARGE
CHARGER
DETECT
ANALOG
CROSS-BAR
PROGRAMMABLE
PULL-UP, PULL-DOWN
AUX_P
AUX_N
USB 2.0
FS PHY
BMC
PHY w/ FRS
VBUS_P
VCONN
SWITCH
CONSUMER N/PFETs
CC1
CC2
SBU1
SBU2
DP
DM
USB PD SubSystem
2x
ADCs
HPD
HPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com