Electronic Components Datasheet Search
  English  ▼

X  

CCG3 Datasheet(PDF) 40 Page - Cypress Semiconductor

Part # CCG3
Description  USB Type-C Port Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG3 Datasheet(HTML) 40 Page - Cypress Semiconductor

Back Button CCG3 Datasheet HTML 36Page - Cypress Semiconductor CCG3 Datasheet HTML 37Page - Cypress Semiconductor CCG3 Datasheet HTML 38Page - Cypress Semiconductor CCG3 Datasheet HTML 39Page - Cypress Semiconductor CCG3 Datasheet HTML 40Page - Cypress Semiconductor CCG3 Datasheet HTML 41Page - Cypress Semiconductor CCG3 Datasheet HTML 42Page - Cypress Semiconductor CCG3 Datasheet HTML 43Page - Cypress Semiconductor CCG3 Datasheet HTML 44Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
EZ-PD™ CCG3
Document Number: 002-03288 Rev. *J
Page 40 of 45
References and Links to Applications Collaterals
Knowledge Base Articles
■ Key Differences Among EZ-PD™ CCG1, CCG2, CCG3 and
CCG4 - KBA210740
■ Programming EZ-PD™ CCG2, EZ-PD™ CCG3 and EZ-PD™
CCG4 Using PSoC® Programmer and MiniProg3 - KBA96477
■ CCGX Frequently Asked Questions (FAQs) - KBA97244
■ Handling Precautions for CY4501 CCG1 DVK - KBA210560
■ Cypress EZ-PD™ CCGx Hardware - KBA204102
■ Difference between USB Type-C and USB-PD - KBA204033
■ CCGx Programming Methods - KBA97271
■ Getting started with Cypress USB Type-C Products -
KBA04071
■ Type-C to DisplayPort Cable Electrical Requirements
■ Dead Battery Charging Implementation in USB Type-C
Solutions - KBA97273
■ Termination Resistors Required for the USB Type-C Connector
– KBA97180
■ VBUS Bypass Capacitor Recommendation for Type-C Cable
and Type-C to Legacy Cable/Adapter Assemblies – KBA97270
■ Need for Regulator and Auxiliary Switch in Type-C to
DisplayPort (DP) Cable Solution - KBA97274
■ Need for a USB Billboard Device in Type-C Solutions –
KBA97146
■ CCG1 Devices in Type-C to Legacy Cable/Adapter Assemblies
– KBA97145
■ Cypress USB Type-C Controller Supported Solutions –
KBA97179
■ Termination Resistors for Type-C to Legacy Ports – KBA97272
■ Handling Instructions for CY4502 CCG2 Development Kit –
KBA97916
■ Thunderbolt™ Cable Application Using CCG3 Devices -
KBA210976
■ Power Adapter Application Using CCG3 Devices - KBA210975
■ Methods to Upgrade Firmware on CCG3 Devices - KBA210974
■ Device Flash Memory Size and Advantages - KBA210973
■ Applications of EZ-PD™ CCG4 - KBA210739
Application Notes
■ AN96527 - Designing USB Type-C Products Using Cypress’s
CCG1 Controllers
■ AN95615 - Designing USB 3.1 Type-C Cables Using EZ-PD™
CCG2
■ AN95599 - Hardware Design Guidelines for EZ-PD™ CCG2
■ AN210403 - Hardware Design Guidelines for Dual Role Port
Applications Using EZ-PD™ USB Type-C Controllers
■ AN210771 - Getting Started with EZ-PD™ CCG4
Reference Designs
■ EZ-PD™ CCG2 Electronically Marked Cable Assembly
(EMCA) Paddle Card Reference Design
■ EZ-PD™ CCG2 USB Type-C to DisplayPort Cable Solution
■ CCG1 USB Type-C to DisplayPort Cable Solution
■ CCG1 USB Type-C to HDMI/DVI/VGA Adapter Solution
■ EZ-PD™ CCG2 USB Type-C to HDMI Adapter Solution
■ CCG1 Electronically Marked Cable Assembly (EMCA) Paddle
Card Reference Design
■ CCG1 USB Type-C to Legacy USB Device Cable Paddle Card
Reference Schematics
■ EZ-USB GX3 USB Type-C to Gigabit Ethernet Dongle
■ EZ-PD™ CCG2 USB Type-C Monitor/Dock Solution
■ CCG2 20W Power Adapter Reference Design
■ CCG2 18W Power Adapter Reference Design
■ EZ-USB GX3 USB Type-A to Gigabit Ethernet Reference
Design Kit
Kits
■ CY4501 CCG1 Development Kit
■ CY4502 EZ-PD™ CCG2 Development Kit
■ CY4531 EZ-PD CCG3 Evaluation Kit
■ CY4541 EZ-PD™ CCG4 Evaluation Kit
Datasheets
■ CCG1 Datasheet: USB Type-C Port Controller with Power
Delivery
■ CYPD1120 Datasheet: USB Power Delivery Alternate Mode
Controller on Type-C
■ CCG2: USB Type-C Port Controller Datasheet
■ CCG4: Two-Port USB Type-C Controller Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com