Electronic Components Datasheet Search
  English  ▼

X  

CCG3 Datasheet(PDF) 18 Page - Cypress Semiconductor

Part # CCG3
Description  USB Type-C Port Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG3 Datasheet(HTML) 18 Page - Cypress Semiconductor

Back Button CCG3 Datasheet HTML 14Page - Cypress Semiconductor CCG3 Datasheet HTML 15Page - Cypress Semiconductor CCG3 Datasheet HTML 16Page - Cypress Semiconductor CCG3 Datasheet HTML 17Page - Cypress Semiconductor CCG3 Datasheet HTML 18Page - Cypress Semiconductor CCG3 Datasheet HTML 19Page - Cypress Semiconductor CCG3 Datasheet HTML 20Page - Cypress Semiconductor CCG3 Datasheet HTML 21Page - Cypress Semiconductor CCG3 Datasheet HTML 22Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
EZ-PD™ CCG3
Document Number: 002-03288 Rev. *J
Page 18 of 45
Figure 12 illustrates a power bank application diagram using a
CCG3 device. In this application, the Type-C receptacle is used
for providing as well as consuming power. The consumer path
will be active when the battery is charged using a Type-C power
source that is connected to the Type-C receptacle in Figure 12.
The provider path will be active when the power bank is used for
providing power to a sink device connected to the Type-C recep-
tacle. Additionally, a Type-A receptacle can also be provided for
providing power to the sinks that have a legacy USB interface.
The CCG3 device negotiates power contracts between the
power bank and the sink/source device connected to the Type-C
receptacle. The CCG3 device also controls and drives the
provider and consumer path FETs and can monitor overcurrent
and overvoltage conditions on the Type-C VBUS line.
Figure 12. Power Bank Application Diagram (40-QFN Device)
CYPD3121-40LQXIT
40QFN
VDDD
17
VDDIO
18
VBUS_C_CTRL0
CC2
CC1
VBUS_DISCHARGE
30
32
3
5
GPIO/SBU1
12
GPIO/SBU2
I2C_SCL/GPIO
13
37
390pF
5%
X7R
2
VBUS_P_CTRL0
100
35
GPIO
19
VCCD
1uF
10V
X7R
AUX_P/GPIO
AUX_N/GPIO
14
11
9
I2C_
SCL/GPIO
10
39
OC
DPLUS
DMINUS
22
21
Type-C
Receptacle
CC2
CC1
CCG3
GPIO
10
F
50V
DMN3018SSD-13
DMN3018SSD-13
10 m
 1%
1
F
35V
X7R
1
VBUS_P_CTRL1
VBUS_C_CTRL1
29
DMN3018SSD-13
DMN3018SSD-13
Power
Subsystem
+
Battery
390pF
5%
X7R
VCONN
6
V5V
4
VBUS
31
VBUS_P
40
VSYS
20
1
F
10V
0.1
F
10V
0.1
F
10V
0.1
F
10V
X7R
1
F
10V
0.1
F
10V
0.1
F
10V
I2C_SDA/GPIO
36
GPIO
34
CCG3 gate driver control configuration
needs to be appropriately set, based
on the VBUS FET type (nFET/pFET).
S
G
D
D
G
S
D
G
S
S
G
D
7, 8, 15, 16, 23,
24, 25, 27, 28, 38
XRES
GND
33
26
GPIO
VBATT
VBUS
VBUS
VBUS
GND
DP
SS
I2C_
SDA/GPIO
X
X
X
X
X
10M
10M
10M
10M
X
DN
Consumer Path
Provider Path
X
Type-A
Receptacle
VBUS
GND
DP
DN
Discrete Ckts to
support Legacy
Charge Source
From Power
Subsystem



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com