Electronic Components Datasheet Search
  English  ▼

X  

CCG3 Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # CCG3
Description  USB Type-C Port Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG3 Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button CCG3 Datasheet HTML 24Page - Cypress Semiconductor CCG3 Datasheet HTML 25Page - Cypress Semiconductor CCG3 Datasheet HTML 26Page - Cypress Semiconductor CCG3 Datasheet HTML 27Page - Cypress Semiconductor CCG3 Datasheet HTML 28Page - Cypress Semiconductor CCG3 Datasheet HTML 29Page - Cypress Semiconductor CCG3 Datasheet HTML 30Page - Cypress Semiconductor CCG3 Datasheet HTML 31Page - Cypress Semiconductor CCG3 Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
EZ-PD™ CCG3
Document Number: 002-03288 Rev. *J
Page 28 of 45
System Resources
Power-on-Reset (POR) with Brown Out SWD Interface
Table 17. Fixed SPI Slave Mode AC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID170
TDMI
MOSI Valid before Sclock capturing
edge
40
–
–
ns
–
SID171
TDSO
MISO Valid after Sclock driving edge
–
–
42 + 3 × TCPU
ns
TCPU = 1/FCPU
SID171A
TDSO_EXT
MISO Valid after Sclock driving edge
in Ext Clk mode
––
48
ns
–
SID172
THSO
Previous MISO data hold time
0
–
–
ns
–
SID172A
TSSELSCK
SSEL Valid to first SCK Valid edge
100
–
–
ns
–
Table 18. Imprecise Power On Reset (PRES) (Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID185
VRISEIPOR
Power-on Reset (POR) rising trip
voltage
0.80
–
1.50
V
–
SID186
VFALLIPOR
POR falling trip voltage
0.70
–
1.4
V
–
Table 19. Precise Power On Reset (POR) (Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID190
VFALLPPOR
Brown-out Detect (BOD) trip voltage
in active/sleep modes
1.48
–
1.62
V
–
SID192
VFALLDPSLP BOD trip voltage in Deep Sleep mode 1.1
–
1.5
V
–
Table 20. SWD Interface Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID.SWD#1
F_SWDCLK1
3.3 V
 VDDIO  5.5 V
–
–
14
MHz SWDCLK 1/3 CPU clock
frequency
SID.SWD#2
F_SWDCLK2
1.8 V
 VDDIO  3.3 V
–
–
7
MHz SWDCLK 1/3 CPU clock
frequency
SID.SWD#3
T_SWDI_SETUP T = 1/f SWDCLK
0.25 × T
–
–
ns
Guaranteed by
characterization
SID.SWD#4
T_SWDI_HOLD
T = 1/f SWDCLK
0.25 × T
–
–
ns
Guaranteed by
characterization
SID.SWD#5
T_SWDO_VALID T = 1/f SWDCLK
–
–
0.50 × T
ns
Guaranteed by
characterization
SID.SWD#6
T_SWDO_HOLD T = 1/f SWDCLK
1
–
–
ns
Guaranteed by
characterization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com