Electronic Components Datasheet Search
  English  ▼

X  

CCG3 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CCG3
Description  USB Type-C Port Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG3 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CCG3 Datasheet HTML 1Page - Cypress Semiconductor CCG3 Datasheet HTML 2Page - Cypress Semiconductor CCG3 Datasheet HTML 3Page - Cypress Semiconductor CCG3 Datasheet HTML 4Page - Cypress Semiconductor CCG3 Datasheet HTML 5Page - Cypress Semiconductor CCG3 Datasheet HTML 6Page - Cypress Semiconductor CCG3 Datasheet HTML 7Page - Cypress Semiconductor CCG3 Datasheet HTML 8Page - Cypress Semiconductor CCG3 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
EZ-PD™ CCG3
Document Number: 002-03288 Rev. *J
Page 5 of 45
Functional Overview
CPU and Memory Subsystem
CPU
The Cortex-M0 CPU in EZ-PD CCG3 is part of the 32-bit MCU
subsystem, which is optimized for low-power operation with
extensive clock gating. It mostly uses 16-bit instructions and
executes a subset of the Thumb-2 instruction set. This enables
fully compatible binary upward migration of the code to higher
performance processors such as the Cortex-M3 and M4, thus
enabling upward compatibility. The Cypress implementation
includes a hardware multiplier that provides a 32-bit result in one
cycle. It includes a nested vectored interrupt controller (NVIC)
block with 32 interrupt inputs and also includes a Wakeup
Interrupt Controller (WIC). The WIC can wake the processor up
from the Deep Sleep mode, allowing power to be switched off to
the main processor when the chip is in the Deep Sleep mode.
The Cortex-M0 CPU provides a Non-Maskable Interrupt (NMI)
input, which is made available to the user when it is not in use
for system functions requested by the user.
The CPU also includes a serial wire debug (SWD) interface,
which is a two-wire form of JTAG. The debug configuration used
for EZ-PD CCG3 has four break-point (address) comparators
and two watchpoint (data) comparators.
Flash
The EZ-PD CCG3 device has a flash module with two banks of
64 KB flash, a flash accelerator, tightly coupled to the CPU to
improve average access times from the flash block. The flash
block is designed to deliver 1 wait-state (WS) access time at
48 MHz and with 0-WS access time at 24 MHz. The flash
accelerator delivers 85% of single-cycle SRAM access
performance on average. Part of the flash module can be used
to emulate EEPROM operation if required.
SROM
A supervisory ROM that contains boot and configuration routines
is provided.
Crypto Block
CCG3 integrates a crypto block for hardware assisted
authentication of firmware images. It also supports field
upgradeability of firmware in a trusted ecosystem. The CCG3
Crypto block provides cryptography functionality. It includes
hardware acceleration blocks for Advanced Encryption Standard
(AES) block cipher, Secure Hash Algorithm (SHA-1 and SHA-2),
Cyclic Redundancy Check (CRC), and pseudo random number
generation.
Integrated Billboard Device
CCG3 integrates a complete full speed USB 2.0 device controller
capable of functioning as a Billboard class device. The USB 2.0
device controller can also support other device classes.
USB-PD Subsystem (USBPD SS)
The USB-PD subsystem contains all of the blocks related to USB
Type-C and Power Delivery. The subsystem consists of the
following:
■ Biphase Marked Coding (BMC) PHY: USB-PD Transceiver with
Fast Role Swap (FRS) transmit and detect
■ VCONN power FETs for the CC lines
■ VCONN RA Termination and Leakers
■ Analog Crossbar to switch between the SBU1/SBU2 and
AUX_P/AUX_N pins
■ Programmable pull-up and pull-down termination on the
AUX_P/AUX_N pins
■ Hot Plug Detect (HPD) processor
■ VBUS_C regulator (20V LDO)
■ Power switch between VSYS supply and VBUS_C regulator
output
■ VBUS_C overvoltage (OV) and undervoltage (UV) detectors
■ Current sense amplifier (CSA) for overcurrent detection
■ Gate Drivers for VBUS_P and VBUS_C external Power FETs
■ VBUS_C discharge switch
■ USB2.0 Full-Speed (FS) PHY with integrated 5.0 V to 3.3 V
regulator
■ Charger Detection/Emulation for USB BC1.2 and other
proprietary protocols
■ Two instances of 8-bit SAR ADCs
■ 8-kV IEC ESD Protection on the following pins: VBUS_C, CC1,
CC2, SBU1, SBU2, DP, DM
The EZ-PD CCG3 USB-PD subsystem interfaces to the pins of
a USB Type-C connector. It includes a USB Type-C baseband
transceiver and physical-layer logic. This transceiver performs
the BMC and the 4b/5b encoding and decoding functions as well
as integrating the 1.2-V analog front end (AFE). This subsystem
integrates the required terminations to identify the role of the
CCG3 device, including RP and RD for UFP/DFP roles and RA
for EMCA/VCONN powered accessories. The programmable
VCONN leakers are included to discharge VCONN capacitance
during a disconnect event. It also integrates power FETs for
supplying VCONN power to the CC1/CC2 pins from the V5V pin.
The analog crossbar enables connecting either of the
SBU1/SBU2 pins to either of the AUX_P/AUX_N pins to support
DisplayPort sideband signaling. The integrated HPD processor
can be used to control or monitor the HPD signal of a DisplayPort
source or sink.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com