Electronic Components Datasheet Search
  English  ▼

X  

CCG3 Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # CCG3
Description  USB Type-C Port Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG3 Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button CCG3 Datasheet HTML 10Page - Cypress Semiconductor CCG3 Datasheet HTML 11Page - Cypress Semiconductor CCG3 Datasheet HTML 12Page - Cypress Semiconductor CCG3 Datasheet HTML 13Page - Cypress Semiconductor CCG3 Datasheet HTML 14Page - Cypress Semiconductor CCG3 Datasheet HTML 15Page - Cypress Semiconductor CCG3 Datasheet HTML 16Page - Cypress Semiconductor CCG3 Datasheet HTML 17Page - Cypress Semiconductor CCG3 Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
EZ-PD™ CCG3
Document Number: 002-03288 Rev. *J
Page 14 of 45
CCG3 Programming and Bootloading
There are two ways to program application firmware into a CCG3
device:
1. Programming the device flash over SWD Interface
2. Application firmware update over specific interfaces (CC,
USB, I2C)
Generally, the CCG3 devices are programmed over SWD
interface only during development or during the manufacturing
process of the end product. Once the end product is manufac-
tured, the CCG3 device's application firmware can be updated
via the appropriate bootloader interface.
Programming the Device Flash over SWD Interface
The CCG3 family of devices can be programmed using the SWD
interface. Cypress provides a programming kit (CY8CKIT-002
MiniProg3 Kit) called MiniProg3 which can be used to program
the flash as well as debug firmware. The flash is programmed by
downloading the information from a hex file. This hex file is a
binary file generated as an output of building the firmware project
in PSoC Creator Software. Click here for more information on
how to use the MiniProg3 programmer. There are many
third-party programmers that support mass programming in a
manufacturing environment.
As shown in the block diagram in Figure 7, the SWD_0_DAT and
SWD_0_CLK pins are connected to the host programmer's
SWDIO (data) and SWDCLK (clock) pins respectively. During
SWD programming, the device can be powered by the host
programmer by connecting its VTARG (power supply to the
target device) to VSYS pin of CCG3 device. If the CCG3 device
is powered using an on-board power supply, it can be
programmed using the “Reset Programming” option. For more
details, refer to the CYPD3XXX Programming Specifications.
The CYPD3105 device for Thunderbolt cable applications is
pre-programmed with a micro-bootloader that allows users to
program the flash using the alternate SWD pins (SBU1 for
SWD_1_CLK and SBU2 for SWD_1_DAT) that can be
connected to the SBU interface of a Type-C connector. Note that
this interface can be used to program the flash only once. Subse-
quent re-programming of this device can be done through the
primary SWD interface (SWD_0_CLK and SWD_0_DAT pins).
Irrespective of which SWD interface is used for programming the
device, once the device is programmed with the hex file provided
by Cypress for thunderbolt cable application, subsequent
updates to the application firmware can be done over the CC
line. Refer to Application Firmware Update over Specific Inter-
faces (I2C, CC, USB) for more details.
Figure 7. Connecting the Programmer to CYPD3xxx Device
Application Firmware Update over Specific Interfaces
(I2C, CC, USB)
The application firmware can be updated over three different
interfaces depending on the default firmware programmed into
the CCG3 device. Refer to Table 38 for more details on default
firmware that various part numbers of the CCG3 family of
devices are pre-programmed with (note that some of the devices
have bootloader only and some have bootloader plus application
firmware). The application firmware provided by Cypress for all
CCG3 applications have dual images. This allows fail-safe
update of the alternate image while executing from the current
image. For more information, refer to the EZ-PD Configuration
Utility User Manual.
Application Firmware Update over I2C Interface
This method primarily applies to CYPD3122, CYPD3125, and
CYPD3126 devices of the CCG3 family. In these applications,
the CCG3 device interfaces to an on-board application
processor or an embedded controller over I2C interface. Refer to
Figure 8 for more details. Cypress provides pseudo-code for the
host processor for updating the CCG3 device firmware.
Host Programmer
CYPD3xxx
VDD
VSYS
SWDCLK
XRES
SWDIO
GND
SWD_0_CLK
XRES
SWD_0_DAT
VDD
GND
VSS
3.0 V
VCCD
VDDD
VDDIO
1
F
10V
X7R
1
F
10V
X7R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com