Electronic Components Datasheet Search
  English  ▼

X  

CCG3 Datasheet(PDF) 19 Page - Cypress Semiconductor

Part # CCG3
Description  USB Type-C Port Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG3 Datasheet(HTML) 19 Page - Cypress Semiconductor

Back Button CCG3 Datasheet HTML 15Page - Cypress Semiconductor CCG3 Datasheet HTML 16Page - Cypress Semiconductor CCG3 Datasheet HTML 17Page - Cypress Semiconductor CCG3 Datasheet HTML 18Page - Cypress Semiconductor CCG3 Datasheet HTML 19Page - Cypress Semiconductor CCG3 Datasheet HTML 20Page - Cypress Semiconductor CCG3 Datasheet HTML 21Page - Cypress Semiconductor CCG3 Datasheet HTML 22Page - Cypress Semiconductor CCG3 Datasheet HTML 23Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
EZ-PD™ CCG3
Document Number: 002-03288 Rev. *J
Page 19 of 45
Figure 13 illustrates a USB Type-C to DisplayPort (4-lane) adapter application, which enables connectivity between a PC that supports
a Type-C port with DisplayPort Alternate Mode support and a legacy monitor that has a DisplayPort interface.
The application meets the requirements described in Section 4.2 of the VESA DisplayPort Alt Mode on USB Type-C Standard Version
1.0 (Scenarios 2a and 2b USB Type-C to DisplayPort Cables).
Figure 13. USB Type-C to DisplayPort Adapter Application Diagram
CYPD3120-40LQXIT
40QFN
VDDD
17
VDDIO
18
VBUS_C_CTRL0
CC2
CC1
VBUS_DISCHARGE
30
32
3
5
AUX_P
11
AUX_N
I2C_SCL / P3.5
14
37
390pF
5%
X7R
2
VBUS_P_CTRL0
23
P2.4
19
VCCD
1
F
10V
X7R
SBU1
SBU2
13
12
9
MUX_I2C_
SCL/P1.2
10
39
OC
DPLUS
DMINUS
22
21
Type-C Plug
VCONN
CC
1
VBUS_P_CTRL1
VBUS_C_CTRL1
29
VCONN
6
V5V
4
VBUS
31
VBUS_P
40
VSYS
20
1
F
10V
0.1
F
10V
0.1
F
10V
X7R
1
F
10V
I2C_SDA / P3.4
36
I2C_INT / P3.2
34
7, 8, 15, 16, 24,
25, 27, 28, 38
XRES
GND
33
26
GPIO
VCONN
VBUS
GND
DP
SS
MUX_I2C_
SDA/P1.3
1
F
10V
1
F
10V
0.1
F
10V
DN
SBU1
SBU2
0.1
F
10V
mDP/
DP
Display Port Data Lanes
HotPlug Detect
HOTPLUG_DET / P3.3
35
X
P2.4 indicates type of end application. Floating
condition indicates usage for Type-C to DP
application and connected to GND indicates
usage for Type-C to HDMI adapter application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com