Electronic Components Datasheet Search
  English  ▼

X  

CCG3 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CCG3
Description  USB Type-C Port Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG3 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CCG3 Datasheet HTML 1Page - Cypress Semiconductor CCG3 Datasheet HTML 2Page - Cypress Semiconductor CCG3 Datasheet HTML 3Page - Cypress Semiconductor CCG3 Datasheet HTML 4Page - Cypress Semiconductor CCG3 Datasheet HTML 5Page - Cypress Semiconductor CCG3 Datasheet HTML 6Page - Cypress Semiconductor CCG3 Datasheet HTML 7Page - Cypress Semiconductor CCG3 Datasheet HTML 8Page - Cypress Semiconductor CCG3 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
EZ-PD™ CCG3
USB Type-C Port Controller
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 002-03288 Rev. *J
Revised February 23, 2018
General Description
EZ-PD™ CCG3 is a highly integrated USB Type-C controller that complies with the latest USB Type-C and PD standards. EZ-PD
CCG3 provides a complete USB Type-C and USB-Power Delivery port control solution for notebooks, dongles, monitors, docking
stations and power adapters. CCG3 uses Cypress’s proprietary M0S8 technology with a 32-bit, 48-MHz ARM® Cortex® -M0 processor
with 128-KB flash, 8-KB SRAM, 20 GPIOs, full-speed USB device controller, a Crypto engine for authentication, a 20V-tolerant
regulator, and a pair of FETs to switch a 5V (VCONN) supply, which powers cables. CCG3 also integrates two pairs of gate drivers to
control external VBUS FETs and system level ESD protection. CCG3 is available in 40-QFN, 32-QFN, and 42-WLCSP packages.
Features
Type-C and USB-PD Support
■ Integrated USB Power Delivery 3.0 support
■ Integrated USB-PD BMC transceiver
■ Integrated VCONN FETs
■ Configurable resistors RA, RP, and RD
■ Dead Battery Detection support
■ Integrated fast role swap and extended data messaging
■ Supports one USB Type-C port
■ Integrated Hardware based overcurrent protection (OCP) and
overvoltage protection (OVP)
32-bit MCU Subsystem
■ 48-MHz ARM Cortex-M0 CPU
■ 128-KB Flash
■ 8-KB SRAM
Integrated Digital Blocks
■ Hardware Crypto block enables Authentication
■ Full-Speed USB Device Controller supporting Billboard Device
Class
■ Integrated timers and counters to meet response times
required by the USB-PD protocol
■ Four run-time reconfigurable serial communication blocks
(SCBs) with reconfigurable I2C, SPI, or UART functionality
Clocks and Oscillators
■ Integrated oscillator eliminating the need for external clock
Power
■ 2.7 V to 21.5 V operation
■ 2x Integrated dual-output gate drivers for external VBUS FET
switch control
■ Independent supply voltage pin for GPIO that allows 1.71 V to
5.5 V signaling on the I/Os
■ Reset: 30 µA, Deep Sleep: 30 µA, Sleep: 3.5 mA
System-Level ESD Protection
■ On CC, SBU, DPLUS, DMINUS and VBUS pins
■ ± 8-kV Contact Discharge and ±15-kV Air Gap Discharge based
on IEC61000-4-2 level 4C
Packages
■ 40-pin QFN, 32-pin QFN, and 42-ball CSP for
Notebooks/Accessories
■ Supports industrial temperature range (–40 °C to +105 °C)


Similar Part No. - CCG3

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CCG3-12-03DF TDK-CCG3-12-03DF Datasheet
3Mb / 8P
1.3 to 10.8W DC-DC Converters
February 21st 2023 V5
CCG3-12-03DR TDK-CCG3-12-03DR Datasheet
3Mb / 8P
1.3 to 10.8W DC-DC Converters
February 21st 2023 V5
CCG3-12-03SF TDK-CCG3-12-03SF Datasheet
182Kb / 2P
DC-DC Converters
May 17, 2022
CCG3-12-03SF TDK-CCG3-12-03SF Datasheet
3Mb / 8P
1.3 to 10.8W DC-DC Converters
February 21st 2023 V5
CCG3-12-03SR TDK-CCG3-12-03SR Datasheet
190Kb / 2P
DC-DC Converters
May 17, 2022
More results

Similar Description - CCG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB319-Q1 TI1-TUSB319-Q1 Datasheet
442Kb / 19P
USB Type-C DFP Port Controller
logo
Cypress Semiconductor
CCG3PA CYPRESS-CCG3PA Datasheet
593Kb / 37P
USB Type-C Port Controller
CCG2 CYPRESS-CCG2 Datasheet
2Mb / 33P
USB Type-C Port Controller
CCG4 CYPRESS-CCG4 Datasheet
472Kb / 35P
USB Type-C Port Controller
logo
ON Semiconductor
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
FUSB15201 ONSEMI-FUSB15201 Datasheet
626Kb / 19P
Dual Port USB Type-C & PD Controller
March, 2022 ??Rev. 2
logo
Kinetic Technologies.
MCDP9000 KINETIC-MCDP9000 Datasheet
181Kb / 5P
USB Type-C Port Controller
June 2022 - Revision 04c
logo
ON Semiconductor
FUSB15201 ONSEMI-FUSB15201_V01 Datasheet
594Kb / 19P
Dual Port USB Type-C & PD Controller
August, 2022 - Rev. 4
logo
Infineon Technologies A...
CYPD6125-40LQXIT INFINEON-CYPD6125-40LQXIT Datasheet
518Kb / 39P
USB Type-C Port Controller
July 26, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com