Electronic Components Datasheet Search
  English  ▼

X  

MP2935 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP2935
Description  4-Phase PWM Controller for VR12.5 Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2935 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP2935 Datasheet HTML 12Page - Monolithic Power Systems MP2935 Datasheet HTML 13Page - Monolithic Power Systems MP2935 Datasheet HTML 14Page - Monolithic Power Systems MP2935 Datasheet HTML 15Page - Monolithic Power Systems MP2935 Datasheet HTML 16Page - Monolithic Power Systems MP2935 Datasheet HTML 17Page - Monolithic Power Systems MP2935 Datasheet HTML 18Page - Monolithic Power Systems MP2935 Datasheet HTML 19Page - Monolithic Power Systems MP2935 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
MP2935 — 4-PHASE PWM CONTROLLER FOR VR12.5 APPLICATIONS
MP2935 Rev. 1.02
www.MonolithicPower.com
16
8/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The IMON current is a current proportional to
VCM pin current,
VCM
MON
I
I
16
. A resistor, RIMON,
from IMON pin to GND sets the gain from
average sensed inductor current to IMON voltage.
A 1nF capacitor added in parallel with RIMON
filters the voltage ripple reflected from the
inductor ripple current.
IMON
2048000
R
ICCMAX
If the desire ICCMAX is 100A, then select
20.5KΩ for RIMON.
The voltage on the IMON pin is clamped to
prevent it from going above 1.3V. An 8-bit ADC
converts the IMON voltage to the IOUT register. An
IMON voltage of 1.28V indicates the current has
reached the value represented in the ICC_MAX
register.
BOTTOM
BOTTOM
TOP
R
x
x
xICCMAX
R
xICCMAX
VDD
R
5
10
2
005
.
0
)
005
.
0
(
Set the ICCMAX register with a resistor divider
from VDD voltage. VDD is a 3.3V output voltage
from the controller. Using a smaller resistance
for RBOTTOM will reduce variation. Let’s say we
choose RBOTTOM to be 499Ω and the desired
maximum current is 100A (ICCMAX=100A), then
RTOP is calculated to be 2851Ω. To get the best
possible accuracy, use two resistors to match the
calculated resistance.
Phase Current Sensing
MP2935 has individual inputs to monitor the
current in each phase. The phase current
information is combined with an internal ramp to
create a current-balancing feedback system that
is optimized for initial current accuracy and
dynamic thermal balance. The current balance
information is independent of the total inductor
current information used for voltage positioning.
The magnitude of the internal ramp can be
programmed to optimize the transient response
of the system. MP2935 also monitors the supply
voltage to achieve feed-forward control whenever
the supply voltage changes. A resistor connected
from the power input voltage rail to
SLOPE pin determines the slope of the internal
PWM ramp.
IN
SLOPE
SLOPE
SLOPE
V
11
Slope
(V/s)
8 R
7000
C
C4pF


Figure 4 shows the block diagram of the phase
current sense and the ramp generator, and the
idealized waveforms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com