Electronic Components Datasheet Search
  English  ▼

X  

MP2935 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2935
Description  4-Phase PWM Controller for VR12.5 Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2935 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2935 Datasheet HTML 2Page - Monolithic Power Systems MP2935 Datasheet HTML 3Page - Monolithic Power Systems MP2935 Datasheet HTML 4Page - Monolithic Power Systems MP2935 Datasheet HTML 5Page - Monolithic Power Systems MP2935 Datasheet HTML 6Page - Monolithic Power Systems MP2935 Datasheet HTML 7Page - Monolithic Power Systems MP2935 Datasheet HTML 8Page - Monolithic Power Systems MP2935 Datasheet HTML 9Page - Monolithic Power Systems MP2935 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
MP2935 — 4-PHASE PWM CONTROLLER FOR VR12.5 APPLICATIONS
MP2935 Rev. 1.02
www.MonolithicPower.com
6
8/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VCC = 5 V, GNDSEN = GND, EN = VCC, VID = 0.50 V to 3.04 V, Current going into pin is positive.
TA = -10°C to +100°C, unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
CCM OUTPUT
Output Low Voltage
VOL
ISINK = 400µA
10
200
mV
Output High Voltage
VOH
ISOURCE = 400µA
4.8
5
V
PWM OUTPUTS
Output Low Voltage
VOL
(PWM)
IPWM(SINK) = 400µA
10
200
mV
Output High Voltage
(5)
VOH
(PWM)
IPWM(SOURCE) = 400µA
4.8
5
V
PWM Tri-State Leakage
PWM = 2.5V
-1
1
µA
SUPPLY
VCC
UVLO
Threshold
Voltage
VCCUVLO
VCC is rising
4.1
4.45
V
UVLO Hysteresis
200
mV
EN=high. Both SVID bus and
internal ID bus are idle. No load
condition. 4-phase configuration.
PWMs not switching.
8
16
mA
Supply Current
IVCC
EN = 0V
50
250
μA
VDD REGULATOR
VDD
Regulator
Output
Voltage
VDD
3.2
V
SVID Interface (SCLK, SDIO, ALERT#)
(5)
Leakage current
IL
Pull-up voltage: 0V to 1.1V
-10
10
μA
Pin Capacitance
(5)
CPIN
5
pF
Buffer ON Resistance
(5)
RON
4
8
13
Ω
VR Clock to Data Delay
(5)
4
8.3
ns
Setup Time
(5)
7
ns
Hold Time
(5)
14
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com