Electronic Components Datasheet Search
  English  ▼

X  

MP2935 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP2935
Description  4-Phase PWM Controller for VR12.5 Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2935 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP2935 Datasheet HTML 14Page - Monolithic Power Systems MP2935 Datasheet HTML 15Page - Monolithic Power Systems MP2935 Datasheet HTML 16Page - Monolithic Power Systems MP2935 Datasheet HTML 17Page - Monolithic Power Systems MP2935 Datasheet HTML 18Page - Monolithic Power Systems MP2935 Datasheet HTML 19Page - Monolithic Power Systems MP2935 Datasheet HTML 20Page - Monolithic Power Systems MP2935 Datasheet HTML 21Page - Monolithic Power Systems MP2935 Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
MP2935 — 4-PHASE PWM CONTROLLER FOR VR12.5 APPLICATIONS
MP2935 Rev. 1.02
www.MonolithicPower.com
18
8/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
External resistors, R, from the CSx pin to the
VCM reference pin can convert the ICS current to
a related voltage. To increase the current in any
given phase, reduce the R for that phase. Upon
reaching the current limit, MP2935 switches to
full phase PWM mode regardless of power state
status to avoid inrush current stress to the phase
1 power stage.
Voltage Regulation
Output voltage remote sensing is available.
Remote sensing allows the voltage regulator to
compensate for various resistive drops in the
power path and ensure that the voltage seen at
the CPU die is the correct level independent of
the load current. The VOSEN and GNDSEN pins
connect to the Kelvin sense leads at the die of
the processor through the processor socket as
the signals VCC_SENSE and VSS_SENSE,
respectively. This allows the voltage regulator to
tightly control the processor voltage at the die,
independent of layout inconsistencies and drops.
This Kelvin sense technique provides extremely
tight load line regulation. Treat these traces as
noise-sensitive. For optimal load-line regulation
performance, lay out the traces connecting these
two pins to the Kelvin sense leads of the
processor in parallel and away from rapidly-rising
voltage nodes (switching nodes) and other noisy
traces. To achieve optimal performance, place
common mode and differential mode RC filters to
analog ground on VOSEN and GNDSEN. Keep
the filter resistors on the order of 10Ω so that
they do not interact with the 50kΩ input
resistance of the differential amplifier.
The voltage-mode control loop consists of a high-
gain–bandwidth error amplifier. The 8-bit VID
DAC sets the non-inverting input voltage. The
VID codes are listed in Table 2. The output of the
error amplifier goes to the COMP pin, which sets
the termination voltage for the internal PWM
ramps. The inverting input, FB, connects to the
output of the remote sense amplifier through a
resistor, RFB, to sense and control the output
voltage at the remote sense point. RFB generates
the droop voltage as a function of the load
current—commonly known as active voltage
positioning —by injecting the droop current, IDRP,
into the FB pin. The main loop compensation is
incorporated
into
the
feedback
network
connected between the FB and COMP pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com