Electronic Components Datasheet Search
  English  ▼

X  

MP2935 Datasheet(PDF) 22 Page - Monolithic Power Systems

Part # MP2935
Description  4-Phase PWM Controller for VR12.5 Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2935 Datasheet(HTML) 22 Page - Monolithic Power Systems

Back Button MP2935 Datasheet HTML 18Page - Monolithic Power Systems MP2935 Datasheet HTML 19Page - Monolithic Power Systems MP2935 Datasheet HTML 20Page - Monolithic Power Systems MP2935 Datasheet HTML 21Page - Monolithic Power Systems MP2935 Datasheet HTML 22Page - Monolithic Power Systems MP2935 Datasheet HTML 23Page - Monolithic Power Systems MP2935 Datasheet HTML 24Page - Monolithic Power Systems MP2935 Datasheet HTML 25Page - Monolithic Power Systems MP2935 Datasheet HTML 26Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
MP2935 — 4-PHASE PWM CONTROLLER FOR VR12.5 APPLICATIONS
MP2935 Rev. 1.02
www.MonolithicPower.com
22
8/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
DEC
VID7 VID6 VID5 VID4 VID3 VID2 VID1 VID0 HEX
V
OUT
145
10
0
1
0
00
191
1.940
146
10
0
1
0
01
092
1.950
147
10
0
1
0
01
193
1.960
148
10
0
1
0
10
094
1.970
149
10
0
1
0
10
195
1.980
150
10
0
1
0
11
096
1.990
151
10
0
1
0
11
197
2.000
152
10
0
1
1
00
098
2.010
153
10
0
1
1
00
199
2.020
154
10
0
1
1
01
0
9A
2.030
155
10
0
1
1
01
1
9B
2.040
156
10
0
1
1
10
09C
2.050
157
10
0
1
1
10
19D
2.060
158
10
0
1
1
11
0
9E
2.070
159
10
0
1
1
11
19F
2.080
160
10
1
0
0
00
0
A0
2.090
161
10
1
0
0
00
1
A1
2.100
162
10
1
0
0
01
0
A22.110
163
10
1
0
0
01
1
A3
2.120
164
10
1
0
0
10
0
A4
2.130
165
10
1
0
0
10
1
A5
2.140
166
10
1
0
0
11
0
A6
2.150
167
10
1
0
0
11
1
A7
2.160
168
10
1
0
1
00
0
A8
2.170
169
10
1
0
1
00
1
A9
2.180
170
10
1
0
1
01
0
AA
2.190
171
10
1
0
1
01
1
AB
2.200
172
10
1
0
1
10
0
AC
2.210
173
10
1
0
1
10
1
AD
2.220
174
10
1
0
1
11
0
AE
2.230
175
10
1
0
1
11
1
AF
2.240
176
10
1
1
0
00
0
B0
2.250
177
10
1
1
0
00
1
B1
2.260
178
10
1
1
0
01
0
B2
2.270
179
10
1
1
0
01
1
B3
2.280
180
10
1
1
0
10
0
B4
2.290
181
10
1
1
0
10
1
B5
2.300
182
10
1
1
0
11
0
B6
2.310
183
10
1
1
0
11
1
B7
2.320
184
10
1
1
1
00
0
B8
2.330
185
10
1
1
1
00
1
B9
2.340
186
10
1
1
1
01
0
BA
2.350
187
10
1
1
1
01
1
BB
2.360
188
10
1
1
1
10
0
BC
2.370
189
10
1
1
1
10
1
BD
2.380
190
10
1
1
1
11
0
BE
2.390
191
10
1
1
1
11
1
BF
2.400
192
11
0
0
0
00
0C0
2.410



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com