Electronic Components Datasheet Search
  English  ▼

X  

MP2935 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP2935
Description  4-Phase PWM Controller for VR12.5 Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2935 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP2935 Datasheet HTML 15Page - Monolithic Power Systems MP2935 Datasheet HTML 16Page - Monolithic Power Systems MP2935 Datasheet HTML 17Page - Monolithic Power Systems MP2935 Datasheet HTML 18Page - Monolithic Power Systems MP2935 Datasheet HTML 19Page - Monolithic Power Systems MP2935 Datasheet HTML 20Page - Monolithic Power Systems MP2935 Datasheet HTML 21Page - Monolithic Power Systems MP2935 Datasheet HTML 22Page - Monolithic Power Systems MP2935 Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
MP2935 — 4-PHASE PWM CONTROLLER FOR VR12.5 APPLICATIONS
MP2935 Rev. 1.02
www.MonolithicPower.com
19
8/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Table 2: SVID Code Table
DEC
VID7 VID6 VID5 VID4 VID3 VID2 VID1 VID0 HEX
V
OUT
0
0
00
0
00
0
0
00
OFF
1
0
00
0
00
0
1
01
0.500
2
0
00
0
00
1
0
02
0.510
3
0
00
0
00
1
1
03
0.520
4
0
00
0
01
0
0
04
0.530
5
0
00
0
01
0
1
05
0.540
6
0
00
0
01
1
0
06
0.550
7
0
00
0
01
1
1
07
0.560
8
0
00
0
10
0
0
08
0.570
9
0
00
0
10
0
1
09
0.580
10
0
00
0
10
1
0
0A
0.590
11
0
00
0
10
1
1
0B
0.600
12
0
00
0
11
0
0
0C
0.610
13
0
00
0
11
0
1
0D
0.620
14
0
00
0
11
1
0
0E
0.630
15
0
00
0
11
1
1
0F
0.640
16
0
00
1
00
0
0
10
0.650
17
0
00
1
00
0
1
11
0.660
18
0
00
1
00
1
0
12
0.670
19
0
00
1
00
1
1
13
0.680
20
0
00
1
01
0
0
14
0.690
21
0
00
1
01
0
1
15
0.700
22
0
00
1
01
1
0
16
0.710
23
0
00
1
01
1
1
17
0.720
24
0
00
1
10
0
0
18
0.730
25
0
00
1
10
0
1
19
0.740
26
0
00
1
10
1
0
1A
0.750
27
0
00
1
10
1
1
1B
0.760
28
0
00
1
11
0
0
1C
0.770
29
0
00
1
11
0
1
1D
0.780
30
0
00
1
11
1
0
1E
0.790
31
0
00
1
11
1
1
1F
0.800
32
0
01
0
00
0
0
20
0.810
33
0
01
0
00
0
1
21
0.820
34
0
01
0
00
1
0
22
0.830
35
0
01
0
00
1
1
23
0.840
36
0
01
0
01
0
0
24
0.850
37
0
01
0
01
0
1
25
0.860
38
0
01
0
01
1
0
26
0.870
39
0
01
0
01
1
1
27
0.880
40
0
01
0
10
0
0
28
0.890
41
0
01
0
10
0
1
29
0.900
42
0
01
0
10
1
0
2A
0.910
43
0
01
0
10
1
1
2B
0.920
44
0
01
0
11
0
0
2C
0.930
45
0
01
0
11
0
1
2D
0.940
46
0
01
0
11
1
0
2E
0.950
47
0
01
0
11
1
1
2F
0.960
48
0
01
1
00
0
0
30
0.970



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com