Electronic Components Datasheet Search
  English  ▼

X  

MP2935 Datasheet(PDF) 34 Page - Monolithic Power Systems

Part # MP2935
Description  4-Phase PWM Controller for VR12.5 Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2935 Datasheet(HTML) 34 Page - Monolithic Power Systems

Back Button MP2935 Datasheet HTML 30Page - Monolithic Power Systems MP2935 Datasheet HTML 31Page - Monolithic Power Systems MP2935 Datasheet HTML 32Page - Monolithic Power Systems MP2935 Datasheet HTML 33Page - Monolithic Power Systems MP2935 Datasheet HTML 34Page - Monolithic Power Systems MP2935 Datasheet HTML 35Page - Monolithic Power Systems MP2935 Datasheet HTML 36Page - Monolithic Power Systems MP2935 Datasheet HTML 37Page - Monolithic Power Systems MP2935 Datasheet HTML 38Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
MP2935 — 4-PHASE PWM CONTROLLER FOR VR12.5 APPLICATIONS
MP2935 Rev. 1.02
www.MonolithicPower.com
34
8/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Reverse-voltage Detection
Very large reverse inductor currents cause
negative output voltages that harm the CPU and
other output components. MP2935 provides RVP
without additional system cost. The VOSEN pin
monitors the output voltage: Any time the
VOSEN pin voltage falls below -300 mV, MP2935
triggers RVP by latching all PWM outputs to a
high-Z state. The reverse inductor current can
quickly reset to 0A by dissipating the energy in
the inductor through the input DC voltage source
through the forward-biased body diode of the
high-side MOSFETs.
Occasionally, OVP results in negative output
voltage
because
turning
on
all
low-side
MOSFETs leads to very large reverse inductor
current. The VR controller’s RVP monitoring
function remains active even after OVP latch-off
to prevent damage to the load by negative
voltage.
The RVP latch can only be reset by toggling
enable, power cycling the VCC or when OVP
occurs. See Figure 11.
Over-current Protection
MP2935 uses VCM current, IVCM, to detect an
over-current condition. VCM current is continually
compared to an internal reference current. IVCM is
provided by Intelli-Phase’sTM CS pin, see
“Current Sensing and IMON” section for details.
In N-phase configuration—where all phases are
switching—the current limit occurs when the
VCM current exceeds the OC threshold. The
threshold is programmable via a resistor from
OCPSET pin to ground. For most designs, select
OC threshold about 130% of the rated current.
In power states PSn (where n = 1 through 3)
running in single phase mode, the OC threshold
is divided by N, i.e. 1/N. N is the number of
operating phases for Power state 0 (PS0). See
Table 4.
Table 4: OCP Level during PS1/2/3
Over Current Trip Level
N=4
N=3
N=2
PS0
IOC
IOC
IOC
PS1/2/3
IOC/4
IOC/3
IOC/2
Whenever VCM current exceeds the OC
threshold, an internal current limit amplifier
controls the internal COMP voltage cycle-by-
cycle to turn off the PWM to maintain peak
current below the OC limit level.
If an OC event occurs for 1ms, an OC fault
triggers and MP2935 shuts down with all PWM
latched to high-Z output, as shown in Figure 12.
The latch-off can only reset by either toggling
VCC or toggling the EN pin. Program the OC
level with the following equation:
7
OCPSET
OC
1.024 10
R
I
MP2935 also has a per-phase current limit to
limit each phase’s duty cycle, so that each phase
will not exceed a current level set by the user.
This per-phase current limit can be programmed
by setting a resistor from VCLAMP pin to ground.
COMP _ PEAK
VCLAMP
VCLAMP
V
R
I
6
6
COMP_PEAK
CS
Per _ Phase _ Limit
L _ PK PK
OUT
SW
V
R
(I
I
) 10 10
V
1
F
3.424 10 10


PWM
VR_RDY
Vout
Iout
Ilim
CCM
1mS
Figure 12: OCP Fault Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com