Electronic Components Datasheet Search
  English  ▼

X  

MP2935 Datasheet(PDF) 24 Page - Monolithic Power Systems

Part # MP2935
Description  4-Phase PWM Controller for VR12.5 Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2935 Datasheet(HTML) 24 Page - Monolithic Power Systems

Back Button MP2935 Datasheet HTML 20Page - Monolithic Power Systems MP2935 Datasheet HTML 21Page - Monolithic Power Systems MP2935 Datasheet HTML 22Page - Monolithic Power Systems MP2935 Datasheet HTML 23Page - Monolithic Power Systems MP2935 Datasheet HTML 24Page - Monolithic Power Systems MP2935 Datasheet HTML 25Page - Monolithic Power Systems MP2935 Datasheet HTML 26Page - Monolithic Power Systems MP2935 Datasheet HTML 27Page - Monolithic Power Systems MP2935 Datasheet HTML 28Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
MP2935 — 4-PHASE PWM CONTROLLER FOR VR12.5 APPLICATIONS
MP2935 Rev. 1.02
www.MonolithicPower.com
24
8/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
DEC
VID7 VID6 VID5 VID4 VID3 VID2 VID1 VID0 HEX
V
OUT
241
11
1
1
0
0
0
1
F1
2.900
242
11
1
1
0
0
1
0
F2
2.910
243
11
1
1
0
0
1
1
F3
2.920
244
11
1
1
0
1
0
0
F4
2.930
245
11
1
1
0
1
0
1
F5
2.940
246
11
1
1
0
1
1
0
F6
2.950
247
11
1
1
0
1
1
1
F7
2.960
248
11
1
1
1
0
0
0
F8
2.970
249
11
1
1
1
0
0
1
F9
2.980
250
11
1
1
1
0
1
0
FA
2.990
251
11
1
1
1
0
1
1
FB
3.000
252
11
1
1
1
1
0
0
FC
3.010
253
11
1
1
1
1
0
1
FD
3.020
254
11
1
1
1
1
1
0
FE
3.030
255
11
1
1
1
1
1
1
FF
3.040
Load-line Regulation
The
droop,
known
as
Adaptive
Voltage
Positioning (AVP), on MP2935 can be generated
by injecting the IDRP current to the feedback
resistor.
The current output on the IDROOP pin is
16
1 of
the IVCM current, which is proportional to the
total output current. Selecting the proper RFB1
value can achieve the desired load-line. In the
case of zero droop, floats the IDROOP pin.
Figure 5 shows the block diagram of droop
generation.
5
FB1
R16 10
Droop

For 1mΩ droop, RFB1=1.6KΩ.
1:16
VCM
Figure 5: Block Diagram of Droop Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com