Electronic Components Datasheet Search
  English  ▼

X  

MP2935 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP2935
Description  4-Phase PWM Controller for VR12.5 Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2935 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP2935 Datasheet HTML 10Page - Monolithic Power Systems MP2935 Datasheet HTML 11Page - Monolithic Power Systems MP2935 Datasheet HTML 12Page - Monolithic Power Systems MP2935 Datasheet HTML 13Page - Monolithic Power Systems MP2935 Datasheet HTML 14Page - Monolithic Power Systems MP2935 Datasheet HTML 15Page - Monolithic Power Systems MP2935 Datasheet HTML 16Page - Monolithic Power Systems MP2935 Datasheet HTML 17Page - Monolithic Power Systems MP2935 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
MP2935 — 4-PHASE PWM CONTROLLER FOR VR12.5 APPLICATIONS
MP2935 Rev. 1.02
www.MonolithicPower.com
14
8/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
active phase during PS0. IL_PK-PK is the peak to
peak inductor current.
OUT
IN
OUT
L_PK-PK
IN
SW
V(V
V
)
I
VL F


Whenever PWM is high, VRAMP ramps up from 1V
with a slew rate programmed by the current
flowing into the SLOPE pin. When VRAMP reaches
VCOMP, PWM resets to low.
The CCM pin is tied to the SYNC pin of the
Intelli-PhaseTM. When the CCM pin is low, it
enables
diode
emulation
mode.
In
diode
emulation mode the low side MOSFET turns OFF
once the inductor current reverses to keep the
inductor current at 0A until the next PWM ON
pulse.
In both PS0 and PS1, the CCM pin is high so the
controller operates in CCM mode, which allows
for negative inductor current.
In PS2 and PS3, the CCM pin is low to enable
diode emulation mode on the Intelli-PhaseTM,
allowing Diode Emulation mode operation.
VRAMP
1V
PWM1
VCOMP
AAM
Threshold
Voltage
RAMP
PWM1
Q
R
S
+
-
+
-
VCOMP
AAM Threshold
Voltage
Figure 2: Block Diagram of AAM Operation and Typical Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com