Electronic Components Datasheet Search
  English  ▼

X  

MP2935 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2935
Description  4-Phase PWM Controller for VR12.5 Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2935 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2935 Datasheet HTML 1Page - Monolithic Power Systems MP2935 Datasheet HTML 2Page - Monolithic Power Systems MP2935 Datasheet HTML 3Page - Monolithic Power Systems MP2935 Datasheet HTML 4Page - Monolithic Power Systems MP2935 Datasheet HTML 5Page - Monolithic Power Systems MP2935 Datasheet HTML 6Page - Monolithic Power Systems MP2935 Datasheet HTML 7Page - Monolithic Power Systems MP2935 Datasheet HTML 8Page - Monolithic Power Systems MP2935 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
MP2935 — 4-PHASE PWM CONTROLLER FOR VR12.5 APPLICATIONS
MP2935 Rev. 1.02
www.MonolithicPower.com
4
8/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VCC = 5 V, GNDSEN = GND, EN = VCC, VID = 0.50 V to 3.04 V, Current going into pin is positive.
TA = -10°C to +100°C, unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
VOLTAGE ERROR AMPLIFIER
Error Amplifier Output
Voltage Range
(5)
V
COMP
0.75
4.6
V
t
A
= 25°C. No load, closed-loop, measured
at VOSEN pin to GNDSEN pin. Active
mode range. VID=1.50V to 3.04V
-0.5
+0.5
%
No load, closed-loop, measured at VOSEN
pin to GNDSEN pin. Active mode range.
VID=1.50V to 3.04V
-1
+1
%
t
A
= 25°C. No load, closed-loop, measured
at VOSEN pin to GNDSEN pin. Active
mode range. VID=1.00V to 1.50V
-8
+8
mV
No load, closed-loop, measured at VOSEN
pin to GNDSEN pin. Active mode range.
VID=1.00V to 1.50V
-15
+15
mV
t
A
= 25°C. No load, closed-loop, measured
at VOSEN pin to GNDSEN pin. Active
mode range. VID=0.500V to 1.000V
-10
+10
mV
DC output Accuracy
VOUT
No load, closed-loop, measured at VOSEN
pin to GNDSEN pin. Active mode range.
VID=0.500V to 1.000V
-15
+15
mV
Line Regulation
ΔV
FB
VCC = 4.75 V to 5.25 V
0.3
%
Input Bias Current
I
FB
−1
+1
μA
Output Source Current
I
COMP
FB forced to (V
VID
− 3%), no droop
-3
mA
Output Sink Current
I
COMP
FB forced to (V
VID
+ 3%), no droop
+3
mA
Open Loop Gain
(5)
80
dB
Unity Gain Bandwidth
(5)
GBW
(ERR)
COMP = FB
20
MHz
Slew Rate
(5)
C
COMP
= 10 pF
25
V/μs
REMOTE SENSE AMPLIFIER
Bandwidth
(5)
GBW(RSA)
20
MHz
GNDSEN Current
I
GNDSEN
GNDSEN=0.3V
10
400
μA
VOSEN Current
I
VOSEN
VOSEN=1V
15
50
μA
OSCILLATOR
FSET Voltage
V
FSET
R
FSET
= 64.9kΩ to GND
0.9
1.0
1.1
V
Frequency Setting
f
SW
t
A
= 25°C, R
FSET
= 64.9kΩ, 4-phase
configuration
540
600
660
kHz
In normal mode
0
800
μA
SLOPE Input Current
Range
(5)
I
SLP
In shutdown, or in UVLO, SLOPE = 12 V
−1
+1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com