Electronic Components Datasheet Search
  English  ▼

X  

MP2935 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2935
Description  4-Phase PWM Controller for VR12.5 Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2935 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP2935 Datasheet HTML 4Page - Monolithic Power Systems MP2935 Datasheet HTML 5Page - Monolithic Power Systems MP2935 Datasheet HTML 6Page - Monolithic Power Systems MP2935 Datasheet HTML 7Page - Monolithic Power Systems MP2935 Datasheet HTML 8Page - Monolithic Power Systems MP2935 Datasheet HTML 9Page - Monolithic Power Systems MP2935 Datasheet HTML 10Page - Monolithic Power Systems MP2935 Datasheet HTML 11Page - Monolithic Power Systems MP2935 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
MP2935 — 4-PHASE PWM CONTROLLER FOR VR12.5 APPLICATIONS
MP2935 Rev. 1.02
www.MonolithicPower.com
8
8/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
PIN DEFINITION
Pin #
Name
I/O
Description
1
OTPD
I
Factory OTP programming only. Connect to VCC for normal operation.
2
OTPG
I
Factory OTP programming only. Connect to GND for normal operation.
3
SDIO
I/O
Data Signal between CPU and Serial VID Controller.
4
ALERT#
O
Alert Signal from VID Controller to CPU.
5
SCLK
I
Source Synchronous Clock from CPU.
6
VRRDY
O
VR Ready Output. Open drain output signal.
7
VRHOT#
O
Voltage Regulator Thermal Throttling Logic Output. Actively pulls low if
temperature at the monitoring point connected to TEMP exceeds the
programmed VRHOT# temperature threshold.
8
ADDR
I
SVID Address setting pin. Refer to Table 6 for address assignment.
9
TEMP
I/O
Analog Temperature Signal Input.
10
IMON
O
Analog Total Load Current Signal. Sources a current proportional to the
sensed total load current. Connect a resistor from IMON to GND to
program the gain.
11
AAM
I
Advanced Asynchronous Mode (AAM) Timing Control Input. A resistor
between this pin to ground sets the AAM mode turn-on threshold voltage.
12
FSET
I
Multiphase Frequency-Setting Input. A resistor connected between FSET
and GND sets the oscillator frequency. The phase switching frequency will
be divided by number of the operating phase.
13
VBOOT
I/O
VBOOT Voltage Set. Refer to Table 3 for VBOOT voltage assignment.
14
FAULT#
O
VR Fault#. Asserts low to notify the platform of a VR fault condition.
15
PWM4
O
16
PWM3
O
17
PWM2
O
18
PWM1
O
Tri-State Logic-Level PWM Outputs. Connecting the PWM2 and/or PWM3
and/or PWM4 outputs to VCC turns off that phase, allowing MP2935 to
change the number of operating phases. The operating phase number is
decided when the part is enable. The number of operating phase cannot be
changed on-the-fly.
19
CCM
O
Forced CCM Operation Enable. CCM stays high in Power States 00 and
01. Actively pulls low when in Power States 02 and 03 to enable DCM
operation of the power stage. Connect it to the SYNC pin of Intelli-
Phases
TM.
20
TMAX
I
Max. Temp. Set. Connect a resistor from TMAX to GND to set the
maximum temperature.
21
CS4
I
22
CS3
I
23
CS2
I
24
CS1
I
Current Balance Inputs. Measures the current level in each phase. Float
CS pins of unused phases.
25
VCM
O
Buffered 2.5V reference.
26
ICCMAX
I
ICCMAX setting. Set the pin voltage to program the desired ICCMAX level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com