Electronic Components Datasheet Search
  English  ▼

X  

MP2935 Datasheet(PDF) 29 Page - Monolithic Power Systems

Part # MP2935
Description  4-Phase PWM Controller for VR12.5 Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2935 Datasheet(HTML) 29 Page - Monolithic Power Systems

Back Button MP2935 Datasheet HTML 25Page - Monolithic Power Systems MP2935 Datasheet HTML 26Page - Monolithic Power Systems MP2935 Datasheet HTML 27Page - Monolithic Power Systems MP2935 Datasheet HTML 28Page - Monolithic Power Systems MP2935 Datasheet HTML 29Page - Monolithic Power Systems MP2935 Datasheet HTML 30Page - Monolithic Power Systems MP2935 Datasheet HTML 31Page - Monolithic Power Systems MP2935 Datasheet HTML 32Page - Monolithic Power Systems MP2935 Datasheet HTML 33Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
MP2935 — 4-PHASE PWM CONTROLLER FOR VR12.5 APPLICATIONS
MP2935 Rev. 1.02
www.MonolithicPower.com
29
8/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Enable and Disable
To enable MP2935, the VCC supply voltage must
exceed the UVLO upper threshold and the EN
pin must exceed its logic-high threshold. After
start-up, VDD (3.3V) supplies the SVID controller
and interface. Whenever the VCC voltage is less
than the UVLO threshold or the EN pin is logic
low, MP2935 shuts down, and the controller sets
all PWM outputs to a high-impedance (Hi-Z) state.
Soft-start and Start-up into Pre-biased Output
After enabling MP2935, the VR can start-up. The
DAC ramps up to the VBOOT voltage with the slew
rate set in SR_Slow register. During soft-start,
the PWM is in Hi-Z state until the DAC reaches
FB voltage preventing the pre-biased output from
discharging. Upon completion of soft-start,
VR_RDY asserts if there are no faults during a
typical 2ms delay.
Set VBOOT voltage by using two resistors to
form a resistor divider from VDD to set the
VBOOT pin voltage. VDD pin is the internal 3.3V
LDO output. Table 3 shows the resistor pairs for
different VBOOT voltages.
Table 3: VBOOT Setting Resistance
VBOOT
Voltage
RVBOOT_GND
RVDD_VBOOT
1.85V
768Ω
47.5kΩ
1.8V
768Ω
19.6kΩ
1.75V
768Ω
12.1kΩ
1.7V
768Ω
8.45kΩ
1.65V
768Ω
6.34kΩ
1.6V
768Ω
5.11kΩ
1.5V
768Ω
4.22kΩ
1.35V
768Ω
3.48kΩ
1.25V
768Ω
3.01kΩ
1.2V
768Ω
2.55kΩ
1.1V
768Ω
2.21kΩ
1V
768Ω
2kΩ
0.9V
768Ω
1.78kΩ
0V
768Ω
1.58kΩ
0.6V
768Ω
1.43kΩ
0.8V
768Ω
1.27kΩ
VR_Settle Monitoring
VR_SETTLE
signal
indicates
whether
the
dynamic VID (DVID) transition has completed.
VR_SETTLE is de-asserted when the VR
controller receives a new VID code different from
the previous one; VR_SETTLE is asserted again
when the output voltage is within 10 mV or one
VID step of the target voltage.
The falling edge of DVID indicates that the VID
ramping will complete soon. When the SVID
controller receives a new VID target from the
SVID master, it asserts the DVID signal; then the
SVID controller ramps up/down the VID code
step-wise to the target VID. The SVID controller
de-asserts DVID when the current VID code is
within 10mV or one VID step of targeted voltage.
Then the sensed output voltage is compared to
the DAC output to determine VRSETTLE signal
when the DVID is asserted. Once DVID is
asserted, it lasts for at least 250ns.
The only condition that asserts and de-asserts
VR_SETTLE is the VID transition. VRSETTLE
remains unchanged even if the output voltage
exits the ±10mV window when operating under a
stable VID code.
When the VID change is within 1 step, the SVID
controller de-asserts the DVID signal for a
minimum of 500ns and VRSETTLE resets.
VR_SETTLE sets if the output is within ±10mV
after DVID is asserted. The SVID responds with
ALERT# after the ACK signal from the CPU if
VR_SETTLE is asserted.
Fault Monitoring and Protections
The fault monitoring and protections provided by
MP2935 are listed below.
1) VR_RDY signals
2) Under-voltage monitor and protection
3) Over-voltage monitor and protection
4) Reverse-voltage monitor and protection
5) Over-current monitor and protection
6) Thermal monitors and over-temperature
indicator (VR_HOT#, active low)
7) FAULT# (active low) signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com