Electronic Components Datasheet Search
  English  ▼

X  

MP2935 Datasheet(PDF) 31 Page - Monolithic Power Systems

Part # MP2935
Description  4-Phase PWM Controller for VR12.5 Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2935 Datasheet(HTML) 31 Page - Monolithic Power Systems

Back Button MP2935 Datasheet HTML 27Page - Monolithic Power Systems MP2935 Datasheet HTML 28Page - Monolithic Power Systems MP2935 Datasheet HTML 29Page - Monolithic Power Systems MP2935 Datasheet HTML 30Page - Monolithic Power Systems MP2935 Datasheet HTML 31Page - Monolithic Power Systems MP2935 Datasheet HTML 32Page - Monolithic Power Systems MP2935 Datasheet HTML 33Page - Monolithic Power Systems MP2935 Datasheet HTML 34Page - Monolithic Power Systems MP2935 Datasheet HTML 35Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
MP2935 — 4-PHASE PWM CONTROLLER FOR VR12.5 APPLICATIONS
MP2935 Rev. 1.02
www.MonolithicPower.com
31
8/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Under-voltage Detection
Under-voltage protection is independent of the
over-current limit. A fault triggers if the output
voltage is less than the VID value by 300mV or
more for at least 1ms. Then the VR shuts off and
latches and VR_RDY goes low. Note that most
practical voltage regulators will trigger over-
current before dropping below the -300mV under-
voltage limit. Refer to Figure 9.
Figure 9: Under-Voltage Protection
Over-voltage Protection
OVP circuit monitors the output for an over-
voltage condition.
There are two levels of over-voltage protection:
OVP1 is the first level of over-voltage protection,
and is defined as VID+400mV; OVP 2 is set at
3.40V. Once the output voltage exceeds either of
these two OVP levels, an over-voltage (OV) fault
will trigger immediately.
The first level OV detector (VID+400mV) is
blanked until the first falling edge of the DVID
signal after the part is enabled. This prevents the
false latch with start-up with pre-biased output
voltage.
OVP1 monitor is also disabled during the VID
decay transition. It re-activates after finishing
VR_SETTLE re-assertion transition.
During fast or slow VID transitions, the OVP1 is
blanked for 100μs. Figure 10 summarizes the
blanking conditions for the OVP1 monitor.
The OVP2 monitor is active at all times when the
controller
is
enabled
regardless
of
fault
conditions. This ensures that the load is
protected against high-side MOSFET leakage
while the MOSFETs turn off.
In the event of an OVP condition, the PWMs are
latched low with CCM=1 to turn off the high-side
MOSFETs and turn on low-side MOSFETs to
crowbar the output, while VRRDY de-asserts.
The OVP latch can only reset when toggled
enable, toggles the VCC, or when reverse-
voltage protection (RVP) occurs.
Figure 10 shows the OVP fault latch for the two
levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com