Electronic Components Datasheet Search
  English  ▼

X  

MP2935 Datasheet(PDF) 36 Page - Monolithic Power Systems

Part # MP2935
Description  4-Phase PWM Controller for VR12.5 Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2935 Datasheet(HTML) 36 Page - Monolithic Power Systems

Back Button MP2935 Datasheet HTML 32Page - Monolithic Power Systems MP2935 Datasheet HTML 33Page - Monolithic Power Systems MP2935 Datasheet HTML 34Page - Monolithic Power Systems MP2935 Datasheet HTML 35Page - Monolithic Power Systems MP2935 Datasheet HTML 36Page - Monolithic Power Systems MP2935 Datasheet HTML 37Page - Monolithic Power Systems MP2935 Datasheet HTML 38Page - Monolithic Power Systems MP2935 Datasheet HTML 39Page - Monolithic Power Systems MP2935 Datasheet HTML 40Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
MP2935 — 4-PHASE PWM CONTROLLER FOR VR12.5 APPLICATIONS
MP2935 Rev. 1.02
www.MonolithicPower.com
36
8/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Monitoring (VR_HOT#) and Temperature Zone
MP2935 provides a temperature sense pin TEMP
and VR_HOT# signal to indicate an over-
temperature event. VR_HOT# can be routed to
various system thermal management controllers.
VRHOT# pin is an open-drain output, active low
and can be used to drive the CPU’s force thermal
throttle input.
The ADC converts the VTEMP voltage to update
the temperature zone register and compare this
value with VRHOT# trip threshold programmed in
the SVID register 22h.
For the ADC conversion, VTEMP=0.9V equates to
64h stored in the register 17h.
MP2935
utilize
Intelli-Phase’sTM
on-die
temperature sensing output to monitor the hottest
phase’s junction temperature. Simply connects
every Intelli-Phase’sTM VTEMP pin to MP2935’s
TEMP. Connect a 1KΩ resistor from TEMP pin
to ground to sink the voltage when temperature is
going down.
VR_HOT# trip point is programmable by TMAX
pin. The hysteresis of VR_HOT# is around 3% of
the maximum temperature stored in the register
22h. The tolerance on VR_HOT# should be ± 4%
or approximately ±4°C at 100°C setting.
TMAX
R
250 TMAX

If the desire TMAX is 100oC, then select 25KΩ
for RTMAX.
Start up Sequence
MP2935 must strictly follow the start-up
sequence shown in Figure 13.
Figure 13 shows the diagrams of the start-up
sequence described below:
(1) VCC ramps up to 5V.
(2) VR controllers receive hardware enable,
i.e. EN is high. It takes 35µs (T1) from EN
high to VDD ramped to 3.3V.
(3) SVID bus exits Reset State when the
VDD is higher than its UVLO threshold.
The part is ready to accept SVID
command 1.6ms (T2) after VDD reached
3.3V.
(4) Soft-start begins (DAC output starts to
ramp up) 1.6ms (T2) after VDD reached
3.3V. VR ramps to the VBOOT voltage with
slow slew rate. Once VR reached the
VBOOT voltage, it asserts VR_SETTLE,
ALERT# and VR_RDY.(6)
(5) Start up sequence finished.
Notes:
6) CPU determines when the ALERT# signal is cleared. It may
clear ALERT# after the rail is up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com