Electronic Components Datasheet Search
  English  ▼

X  

MP2935 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2935
Description  4-Phase PWM Controller for VR12.5 Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2935 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP2935 Datasheet HTML 5Page - Monolithic Power Systems MP2935 Datasheet HTML 6Page - Monolithic Power Systems MP2935 Datasheet HTML 7Page - Monolithic Power Systems MP2935 Datasheet HTML 8Page - Monolithic Power Systems MP2935 Datasheet HTML 9Page - Monolithic Power Systems MP2935 Datasheet HTML 10Page - Monolithic Power Systems MP2935 Datasheet HTML 11Page - Monolithic Power Systems MP2935 Datasheet HTML 12Page - Monolithic Power Systems MP2935 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
MP2935 — 4-PHASE PWM CONTROLLER FOR VR12.5 APPLICATIONS
MP2935 Rev. 1.02
www.MonolithicPower.com
9
8/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
PIN DEFINITION (continued)
Pin #
Name
I/O
Description
27
SLOPE
I
PWM Slope Current Input. Connect a 100KΩ resistor from VIN (system’s
12V input voltage) to this pin to set the internal slope for PWM comparator.
28
OCPSET
I
Total Current Limit Setting.
29
AAMB
I
Combine with AAM pin, this pin sets the AAM mode threshold voltage.
30
VCLAMP
I
Connect a resistor to ground to set the per phase current limit.
31
COMP
I/O
Error Amplifier Output.
32
FB
I
Inverting Input of Error Amplifier.
33
IDROOP
O
Droop Current Output. Sources current that is proportional to the sensed
output current.
34
VDIFF
O
Differential Amplifier Output.
35
VOSEN
I
Remote Core Voltage Sense Input. Connect to VCCSENSE at
microprocessor die.
36
GNDSEN
I
Remote Voltage Sensing Return. Connect to ground at microprocessor die.
37
IREF
I
Internal Bias Current Set. Connect an 80.6kΩ resistor from IREF to GND.
38
EN
I
Chip Enable.
39
VCC
I
5V supply voltage for the controller. Need a 1μF capacitor for decoupling.
40
VDD
O
3.3V LDO output for internal digital circuit only. Need a 1μF capacitor for
decoupling. Do not connect to any other load.
PAD
GND
I/O
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com