Electronic Components Datasheet Search
  English  ▼

X  

MP2935 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2935
Description  4-Phase PWM Controller for VR12.5 Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2935 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2935 Datasheet HTML 1Page - Monolithic Power Systems MP2935 Datasheet HTML 2Page - Monolithic Power Systems MP2935 Datasheet HTML 3Page - Monolithic Power Systems MP2935 Datasheet HTML 4Page - Monolithic Power Systems MP2935 Datasheet HTML 5Page - Monolithic Power Systems MP2935 Datasheet HTML 6Page - Monolithic Power Systems MP2935 Datasheet HTML 7Page - Monolithic Power Systems MP2935 Datasheet HTML 8Page - Monolithic Power Systems MP2935 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
MP2935
4-Phase PWM
Controller for VR12.5 Applications
MP2935 Rev. 1.02
www.MonolithicPower.com
1
8/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
MP2935
is
a
high-efficiency,
4-phase,
synchronous, buck-switching PWM controller
with an SVID interface for high-performance
Intel processors. The multi-phase PWM output
signals can be configured for up to 4-phase
operation with interleaved switching.
MP2935 adopts three-logic-level PWM outputs
for enhanced noise immunity and flexible fault
management. Depending on the power states
set by SVID command, the multi-phase channel
can switch between multiphase and single-
phase operation. In addition, MP2935 supports
programmable load-line resistance. As a result,
the
output
voltage
is
always
optimally
positioned for a load transient.
The chip also provides accurate and reliable
short-circuit protection with adjustable current
limit threshold and a delayed VR_RDY output
that is masked during on-the-fly output voltage
changes to eliminate false triggering. MP2935
performance is specified over the junction
temperature range of -10°C to 125°C. The chip
is available in 40-lead QFN package.
FEATURES
 VR12.5 compliant
 Multi-Phase Operation at up to 2MHz per
Phase
 Tri-State PWM Outputs for Driving MPS
Intelli-PhaseTM Devices
 Power-Saving Modes Maximize Efficiency
During Light Load and Deeper-Sleep
Operation
 Active Current Balancing between Output
Phases
 Independent Current Limit and Load Line
Setting Inputs for Additional Design
Flexibility
 8-bit Digitally Programmable 0V to 3.04V
Output through Serial VID Interface
 Overload and Short-Circuit Protection with
Latch-Off Delay
 Output Current Monitor
 Fault Latch Output
 Regulator Temperature Monitor
Available in a 6mmx6mm 40-lead QFN
package
APPLICATIONS
 Power supplies for next-generation Intel®
processors
All MPS parts are lead-free, halogen free, and adhere to the RoHS
directive. For MPS green status, please visit MPS website under Quality
Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered
Trademarks of Monolithic Power Systems, Inc.


Similar Part No. - MP2935

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2930 MPS-MP2930 Datasheet
1Mb / 24P
4-Phase PWM Controller With 8-Bit DAC code for VR10 and VR11
MP2930GQK MPS-MP2930GQK Datasheet
1Mb / 24P
4-Phase PWM Controller With 8-Bit DAC code for VR10 and VR11
MP2932 MPS-MP2932 Datasheet
465Kb / 23P
6-Phase PWM Controller with 8-Bit DAC Code for VR10 and VR11
MP2932GQK MPS-MP2932GQK Datasheet
465Kb / 23P
6-Phase PWM Controller with 8-Bit DAC Code for VR10 and VR11
MP29368 MPS-MP29368 Datasheet
363Kb / 8P
1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
More results

Similar Description - MP2935

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6364 INTERSIL-ISL6364 Datasheet
1Mb / 44P
Dual 4-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
December 22, 2010
ISL95820 INTERSIL-ISL95820 Datasheet
1Mb / 47P
Green Hybrid Digital Four Phase PWM Controller for Intel VR12.5 CPUs
February 4, 2013
logo
Renesas Technology Corp
ISL95816 RENESAS-ISL95816 Datasheet
193Kb / 2P
4-Phase PWM Controller for VR12.5 CPUs
ISL95816A RENESAS-ISL95816A Datasheet
194Kb / 2P
4-Phase PWM Controller for VR12.5 and VR12.6 CPUs
ISL95821 RENESAS-ISL95821 Datasheet
185Kb / 2P
Three Phase PWM Controller for Intel VR12.5??CPUs
ISL95825 RENESAS-ISL95825 Datasheet
194Kb / 2P
Three Phases PWM Controller for VR12.5/VR12.6 CPUs
logo
uPI Group Inc.
UP1651 UPI-UP1651 Datasheet
318Kb / 21P
1/2/3/4-Phase PWM Controller with SVID for VR12.5
UP1651Q UPI-UP1651Q Datasheet
277Kb / 21P
2/1-Phase PWM Controller with SVID for VR12.5
logo
Renesas Technology Corp
ISL95820 RENESAS-ISL95820 Datasheet
181Kb / 2P
Green Hybrid Digital Four Phase PWM Controller for Intel VR12.5™ CPUs
October 15, 2013
ISL6364C RENESAS-ISL6364C Datasheet
192Kb / 2P
Dual 4-Phase 1-Phase PWM Controller for VR12 Desktop Applications
Aug 7, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com