Electronic Components Datasheet Search
  English  ▼

X  

MP2935 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2935
Description  4-Phase PWM Controller for VR12.5 Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2935 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2935 Datasheet HTML 1Page - Monolithic Power Systems MP2935 Datasheet HTML 2Page - Monolithic Power Systems MP2935 Datasheet HTML 3Page - Monolithic Power Systems MP2935 Datasheet HTML 4Page - Monolithic Power Systems MP2935 Datasheet HTML 5Page - Monolithic Power Systems MP2935 Datasheet HTML 6Page - Monolithic Power Systems MP2935 Datasheet HTML 7Page - Monolithic Power Systems MP2935 Datasheet HTML 8Page - Monolithic Power Systems MP2935 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
MP2935 — 4-PHASE PWM CONTROLLER FOR VR12.5 APPLICATIONS
MP2935 Rev. 1.02
www.MonolithicPower.com
3
8/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Junction Temperature (TJ)
MP2935DQK
6x6mm QFN40
MP2935
-40°C to +125°C
MP2935ADQK
6x6mm QFN40
MP2935A
-40°C to +125°C
* For Tape & Reel, add suffix –Z (e.g. MP2935DQK–Z).
For RoHS compliant packaging, add suffix –LF (e.g. MP2935DQK–LF–Z)
PACKAGE REFERENCE
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
40
39
38
37
36
35
34
33
32
31
OTPD
OTPG
SDIO
ALERT#
SCLK
VRRDY
VRHOT#
ADDR
TEMP
IMON
CS4
CS3
CS2
CS1
VCM
ICCMAX
SLOPE
OCPSET
AAMB
VCLAMP
GND
ABSOLUTE MAXIMUM RATINGS
(1)
VCC ..............................................0.3V to +6.5V
VDD.....................................................................–0.3V to +4.0V
GNDSEN ....................................–0.3V to +0.3V
SLOPE ........................................–0.3V to +26V
All Other Pins....................–0.3V to (VCC+0.3V)
Continuous Power Dissipation (TA = +25°C) (2)
................................................................... 3.9W
Junction Temperature...............................150°C
Lead Temperature ...................................260°C
Storage Temperature.............. –65°C to +150°C
Recommended Operating Conditions (3)
VCC...........................................................................4.5V to 5.5V
Operating Junction Temp........ –40°C to +125°C
Thermal Resistance (4)
θJA
θJC
6x6 QFN40............................ 32 .......8
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX) =
(TJ(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com