Electronic Components Datasheet Search
  English  ▼

X  

MP2935 Datasheet(PDF) 30 Page - Monolithic Power Systems

Part # MP2935
Description  4-Phase PWM Controller for VR12.5 Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2935 Datasheet(HTML) 30 Page - Monolithic Power Systems

Back Button MP2935 Datasheet HTML 26Page - Monolithic Power Systems MP2935 Datasheet HTML 27Page - Monolithic Power Systems MP2935 Datasheet HTML 28Page - Monolithic Power Systems MP2935 Datasheet HTML 29Page - Monolithic Power Systems MP2935 Datasheet HTML 30Page - Monolithic Power Systems MP2935 Datasheet HTML 31Page - Monolithic Power Systems MP2935 Datasheet HTML 32Page - Monolithic Power Systems MP2935 Datasheet HTML 33Page - Monolithic Power Systems MP2935 Datasheet HTML 34Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
MP2935 — 4-PHASE PWM CONTROLLER FOR VR12.5 APPLICATIONS
MP2935 Rev. 1.02
www.MonolithicPower.com
30
8/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
VR_Rdy Signal
VRRDY pin is an active-high (open drain)
output that indicates that the start-up sequence
has completed and that the output voltage has
moved to the VBOOT value or the SVID
programmed VID value. This signal is part of the
start-up sequence for other voltage regulators,
the clock, microprocessor reset, etc. VRRDY
comparator monitors the operation of VR through
the fault latch logic. The signal remains asserted
during
normal
operation
and
de-asserts
whenever a fault (OCP, OVP, etc.) or shutdown
conditions occurred. This signal does not
represent DC output accuracy through its VID
value and does not track VID during dynamic VID
events. VRRDY indicates that the VR is
operating properly, not falsely trigger during
dynamic VID transitions.
VRReady_0V
flat
is
under
register
34h
configures multiple slaves (VRs) on the same
bus on the server platforms. It is also used in
notebook and desktop systems to program
VRRDY operation when the VID command is set
to 0V or off condition.
If “VR_RDY_0V” =0 (default, normal mode), then
VR_RDY de-asserts if the VR is given a SetVID
(0.0V) command, i.e., the VR is off.
If “VR_RDY_0V”=1, then VRRDY does not de-
assert when a SetVID (0.0V) command is issued.
This means that the 0V output is a valid voltage
setting and the VR is ready to accept the next
command. Under this definition, VR_RDY only
de-asserts
at
power-down
or
under
fault
conditions.
See Figure 8 for more details.
Figure 8: VR_RDY_0V Operation Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com