Electronic Components Datasheet Search
  English  ▼

X  

MP2935 Datasheet(PDF) 25 Page - Monolithic Power Systems

Part # MP2935
Description  4-Phase PWM Controller for VR12.5 Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2935 Datasheet(HTML) 25 Page - Monolithic Power Systems

Back Button MP2935 Datasheet HTML 21Page - Monolithic Power Systems MP2935 Datasheet HTML 22Page - Monolithic Power Systems MP2935 Datasheet HTML 23Page - Monolithic Power Systems MP2935 Datasheet HTML 24Page - Monolithic Power Systems MP2935 Datasheet HTML 25Page - Monolithic Power Systems MP2935 Datasheet HTML 26Page - Monolithic Power Systems MP2935 Datasheet HTML 27Page - Monolithic Power Systems MP2935 Datasheet HTML 28Page - Monolithic Power Systems MP2935 Datasheet HTML 29Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
MP2935 — 4-PHASE PWM CONTROLLER FOR VR12.5 APPLICATIONS
MP2935 Rev. 1.02
www.MonolithicPower.com
25
8/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Output Voltage Offset Programming
After receiving the SVID command for setting the
offset (33h), the SVID controller compares the
VID plus the proposed offset with the maximum
VID of FFh (3.04V), and rejects the SVID
command if this value exceeds FFh. If the VID
plus proposed offset is less than FFh, the SVID
updates the register 33h and the DAC ramps
up/down to the new value of VID+Offset with
slow slew rate defined in register 25h. During
ramp up/down to the new DAC value, the SVID
rejects all SVID commands, which is the same
behavior as SetVID_Fast/Slow.
Dynamic VID
The SVID bus sends out new target voltage and
slew rate commands to the PWM IC. The VR
responds by slewing to the new voltage in a
controlled manner without falsely tripping VRRDY,
over-voltage, or over-current protection circuits.
To meet all market segment requirements, there
are three different slew rates: fast, slow, and
decay. During fast and slow VID transitions, the
SVID controller ramps up/down the VID code
step-by-step. There is a 4MHz ID clock for VID
change, with defined VID step of 10mV, the
maximum slew rate is up to 20mV/μs.
During VID decay, the VR output voltage
converges to the new VID target, but does not
control the slew rate; the output voltage decays
at a rate proportional to the load current.
The VID change triggers a VR_RDY masking
timer to prevent a VR_RDY failure. Each VID
change resets and restarts the internal VR_RDY
masking timer. During the VID transition except
VID decay, MP2935 forces a full-phase PWM
operation and reset the power state to PS0 by
default.
SetVID_Fast/Slow
If the VR is in a low-power state and receives a
new SetVID_Fast/Slow command, then the VR
exits the low-power state to normal mode (PS0),
operating in full-phase PWM mode to move the
voltage by the preset slew rate. The VR remains
in PS0, until it receives a new power state
command.
SetVID_Decay
In the case of a SetVID_Decay command, the
VR automatically goes to PS2 or remain at PS3.
SetVID_Decay command steps up the VID DAC
to the target VID at 10mV/step, with each step
triggered by VR_SETTLE assert. In the event of
a SetPS command during the VOUT decay,
MP2935 will enter into the requested power state
after VOUT reaches the requested VID value.
Whenever the VR exits decay mode whenever it
receives a SetVID_Fast/Slow, enters PS0 power
state, and ramps up/down to the new VID from its
current VID.
Figure 6 shows the detailed diagram of the
operation modes with the VID Transition taken
into consideration.
Figure 7(a) to 7(d) show the detailed signals of
Decay mode operation for different cases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com