Electronic Components Datasheet Search
  English  ▼

X  

MP2935 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2935
Description  4-Phase PWM Controller for VR12.5 Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2935 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2935 Datasheet HTML 6Page - Monolithic Power Systems MP2935 Datasheet HTML 7Page - Monolithic Power Systems MP2935 Datasheet HTML 8Page - Monolithic Power Systems MP2935 Datasheet HTML 9Page - Monolithic Power Systems MP2935 Datasheet HTML 10Page - Monolithic Power Systems MP2935 Datasheet HTML 11Page - Monolithic Power Systems MP2935 Datasheet HTML 12Page - Monolithic Power Systems MP2935 Datasheet HTML 13Page - Monolithic Power Systems MP2935 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
MP2935 — 4-PHASE PWM CONTROLLER FOR VR12.5 APPLICATIONS
MP2935 Rev. 1.02
www.MonolithicPower.com
10
8/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
Performance waveforms are tested on the evaluation board of the Design Example section.
VIN = 12V, VCC = 5V, VOUT = 1.85V, IOUT = 0A, 600kHz, unless otherwise noted.
VOUT
1V/div.
VR_RDY
500mV/div.
VEN
2V/div.
VALERT#
500mV/div.
VR_RDY
1V/div.
VEN
5V/div.
VOUT
1V/div.
VPWM1
5V/div.
VSW
10V/div.
VPWM1
5V/div.
VCOMP
100mV/div.
VOUT/AC
20mV/div.
VSW1
10V/div.
VPWM1
5V/div.
VCOMP
100mV/div.
VOUT/AC
20mV/div.
VPWM1
2V/div.
VPWM2
2V/div.
VPWM3
2V/div.
VPWM4
2V/div.
VDIFF
500mV/div.
VPWM1
5V/div.
VFAULT#
1V/div.
VDIFF
500mV/div.
VR_RDY
1V/div.
VPWM4
5V/div.
VFAULT#
1V/div.
VOSEN
500mV/div.
VFAULT#
1V/div.
VDIFF
1V/div.
VPWM1
5V/div.
VOSEN
500mV/div.
VFAULT#
2V/div.
VR_RDY
1V/div.
VPWM1
2V/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com