Electronic Components Datasheet Search
  English  ▼

X  

MP2935 Datasheet(PDF) 41 Page - Monolithic Power Systems

Part # MP2935
Description  4-Phase PWM Controller for VR12.5 Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2935 Datasheet(HTML) 41 Page - Monolithic Power Systems

Back Button MP2935 Datasheet HTML 34Page - Monolithic Power Systems MP2935 Datasheet HTML 35Page - Monolithic Power Systems MP2935 Datasheet HTML 36Page - Monolithic Power Systems MP2935 Datasheet HTML 37Page - Monolithic Power Systems MP2935 Datasheet HTML 38Page - Monolithic Power Systems MP2935 Datasheet HTML 39Page - Monolithic Power Systems MP2935 Datasheet HTML 40Page - Monolithic Power Systems MP2935 Datasheet HTML 41Page - Monolithic Power Systems MP2935 Datasheet HTML 42Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
MP2935 — 4-PHASE PWM CONTROLLER FOR VR12.5 APPLICATIONS
MP2935 Rev. 1.02
www.MonolithicPower.com
41
8/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
SVID DATA AND CONFIGURATION REGISTERS
Table 8 shows the supported registers.
Table 8: SVID Registers
Index
Register Name
Access
Default Value (OTP)
00h
Vendor ID
R
25h
01h
Product ID
R
02h
Product Revision
R
03h
Date code
R
hard coded
04h
Lot code
R
hard coded
05h
protocol ID
R
02h (for VR12.5), hard
code
Registers 00h-06h are programmed
by the VR vender at time of
manufacture and are read only. This
information is used to identify the
vender's part in the field or during
platform manufacture.
06h
capability
R
D7h
10h
Status_1
R
00h
11h
Status_2
R
00h
12h
Temperature Zone
R
00h
15h
Output Current
(IOUT)
R
actual IOUT measured
after start-up
16h
Output Voltage
R
17h
VR Temperature
R
Registers 10h-18h are read-write
telemetry data registers that the PWM
controller updates. The Master can
read these registers, but not write.
18h
Output Power
(POUT)
R
19h
Input Current
R
1Ah
Input Voltage
R
1Bh
Input Power
R
1Ch
Status_2_last read
R
21h
ICC_MAX
R
00h
22h
Temp_MAX
R
96h (150C)
24h
SR_Fast
R
0Ah (10mv/μs)
14h (20mV/μs)
25h
SR_Slow
R
05h(5mV/μs) for
fast@20mV/μs
02h (2.5mV/μs) for
fast@10mV/μs
Registers 21h-29h are OTP or pin-
programmed with platform VR design
points. If pin-programmed, the VR
must load the data registers when its
power is applied to the VR control IC.
26h
VBOOT
R
7Eh (1.75V)
30h
VOUT_MAX
RW
FFh (3.04V)
31h
VID setting
RW
00h
32h
PWR State
RW
00h
33h
Offset
RW
00h
34h
Multi VR Config
RW
00h
Registers 30h-35h are scratch;pad
registers, programmed by the Master
with SetVID_X, SetPS or SetRegDAT
commands. These registers revert to
default
values
when
power
is
removed.
35h
SetRegADR
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com