Electronic Components Datasheet Search
  English  ▼

X  

MP2935 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2935
Description  4-Phase PWM Controller for VR12.5 Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2935 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2935 Datasheet HTML 3Page - Monolithic Power Systems MP2935 Datasheet HTML 4Page - Monolithic Power Systems MP2935 Datasheet HTML 5Page - Monolithic Power Systems MP2935 Datasheet HTML 6Page - Monolithic Power Systems MP2935 Datasheet HTML 7Page - Monolithic Power Systems MP2935 Datasheet HTML 8Page - Monolithic Power Systems MP2935 Datasheet HTML 9Page - Monolithic Power Systems MP2935 Datasheet HTML 10Page - Monolithic Power Systems MP2935 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
MP2935 — 4-PHASE PWM CONTROLLER FOR VR12.5 APPLICATIONS
MP2935 Rev. 1.02
www.MonolithicPower.com
7
8/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VCC = 5 V, GNDSEN = GND, EN = VCC, VID = 0.50 V to 3.04 V, Current going into pin is positive.
TA = -10°C to +100°C, unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
ADC
Voltage Range
Reads FF.
1.28
V
ADC Resolution
5
mV
ADC Sampling Rate
(5)
3000
Hz
DNL
(5)
1
LSB
Conversion Time
(5)
30
µs
DAC Slew rate (MP2935)
Soft-Start Slew Rate
2.5
mV/µs
SetVID_Slow Slew Rate
2.5
mV/µs
SetVID_Fast Slew Rate
10
mV/µs
DAC Slew rate (MP2935A)
Soft-Start Slew Rate
5
mV/µs
SetVID_Slow Slew Rate
5
mV/µs
SetVID_Fast Slew Rate
20
mV/µs
DAC
DAC resolution
8
Bits
LSB
10
mV
DNL
±1
LSB
INL
±1
LSB
Tolerance
-1
1
mV
1/2/3/4 Phase Detection
PWM Sink Current
100
µA
PWM Detection Threshold
Voltage
2
2.5
3.2
V
Phase Detect Timer
(5)
50
µs
Notes
:
5) Guaranteed by design or characterization data, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com