Electronic Components Datasheet Search
  English  ▼

X  

MP2935 Datasheet(PDF) 28 Page - Monolithic Power Systems

Part # MP2935
Description  4-Phase PWM Controller for VR12.5 Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2935 Datasheet(HTML) 28 Page - Monolithic Power Systems

Back Button MP2935 Datasheet HTML 24Page - Monolithic Power Systems MP2935 Datasheet HTML 25Page - Monolithic Power Systems MP2935 Datasheet HTML 26Page - Monolithic Power Systems MP2935 Datasheet HTML 27Page - Monolithic Power Systems MP2935 Datasheet HTML 28Page - Monolithic Power Systems MP2935 Datasheet HTML 29Page - Monolithic Power Systems MP2935 Datasheet HTML 30Page - Monolithic Power Systems MP2935 Datasheet HTML 31Page - Monolithic Power Systems MP2935 Datasheet HTML 32Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
MP2935 — 4-PHASE PWM CONTROLLER FOR VR12.5 APPLICATIONS
MP2935 Rev. 1.02
www.MonolithicPower.com
28
8/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Figure 7(c)
VID
DVID/
!Final_VID
MODE1
DECAY
VR_SETTLE
Vcore
1.2V
1.4V
Decay_Settle
ALERT#
250ns
(min)
1.8V
1.4V
0.8V
Slow slew-rate
dV<15mV
DECAY changes 1 CLK later than DVID
1.0V
SetVID_Decay
(1.0V)
SetPS_0
Case 4. CPU commands VID 1.8V decay to 1.0V.
Before VOUT reaches 1.0V target, Set the Power Stage to PS0, SetPS(0) command.
Figure 7(d)
Figure 7: Detail Signal during Decay Mode Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com