Electronic Components Datasheet Search
  English  ▼

X  

MP2935 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2935
Description  4-Phase PWM Controller for VR12.5 Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2935 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2935 Datasheet HTML 1Page - Monolithic Power Systems MP2935 Datasheet HTML 2Page - Monolithic Power Systems MP2935 Datasheet HTML 3Page - Monolithic Power Systems MP2935 Datasheet HTML 4Page - Monolithic Power Systems MP2935 Datasheet HTML 5Page - Monolithic Power Systems MP2935 Datasheet HTML 6Page - Monolithic Power Systems MP2935 Datasheet HTML 7Page - Monolithic Power Systems MP2935 Datasheet HTML 8Page - Monolithic Power Systems MP2935 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
MP2935 — 4-PHASE PWM CONTROLLER FOR VR12.5 APPLICATIONS
MP2935 Rev. 1.02
www.MonolithicPower.com
5
8/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VCC = 5 V, GNDSEN = GND, EN = VCC, VID = 0.50 V to 3.04 V, Current going into pin is positive.
TA = -10°C to +100°C, unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
CURRENT-SENSE AND OVERCURRENT PROTRECTION
Current Limit Level
IVCM_OC
ROCPSET=80.6kΩ, sink current
from VCM pin
1.27
mA
IVCM= -400µA
-24
-25
-26
μA
Droop Current
IDRP
IVCM= +400µA
24
25
26
μA
CURRENT BALANCE AMPLIFIER
Common Mode Range
(5)
V
CS_CM
1.0
3.5
V
Input Current
ICS
CSx=4V
1
μA
Masked Off-Time
(5)
t
OFFMSKD
Measured from PWM turn-off
350
ns
SYSTEM INTERFACE CONTROL INPUTS
EN
EN Low Threshold Voltage
VIL(EN)
0.4
V
EN High Threshold Voltage
VIH(EN)
0.8
V
EN High Threshold Hysteresis
Voltage
VIH(EN)
100
mV
Enable High Leakage
IIH(EN)
EN=1.1V
2
µA
Enable Delay
T3
VCC≥UVLO, Vboot is not 0V,
EN high to Vout ramping (see
Figure 13)
2
5
ms
THERMAL THROTTLING CONTROL
VTEMP ADC
Register 17h=64h (100°C)
0.9
V
VRHOT# Low Output
Impedance
IVRHOT# = 20mA, TA=25
oC
8
10
Ω
VRHOT# High Leakage Current
-1
1
µA
IMON OUTPUT
IMON Current
IMON
IVCM= +400µA
24
25
26
μA
IMON Clamp Voltage
VIMONMAX
IMON = Float, IVCM = 400μA
1.3
V
IMON ADC
Register 15h=C8h
1
V
IMON ADC
Register 15h=64h
0.5
V
VRRDY COMPARATOR
Under-Voltage Threshold
VDIFF
(UV)
Relative to nominal DAC
voltage
−300
mV
Relative to nominal DAC
voltage
400
mV
Over Voltage Threshold
VDIFF
(OV)
Absolute voltage
3.30
V
Output Low Voltage
VVRRDY (L)
IVRRDY(SINK) = 4mA
60
250
mV
Output High Leakage
IVRRDY
VVRRDY = 3.3V
1
μA
Relative to GNDSEN, VDIFF
falling
−300
mV
Reverse Voltage Detection
Threshold
(5)
VOSEN (RV)
Relative to GNDSEN, VDIFF
rising
−100
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com