Electronic Components Datasheet Search
  English  ▼

X  

LTC2972 Datasheet(PDF) 57 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 57 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 53Page - Linear Technology LTC2972 Datasheet HTML 54Page - Linear Technology LTC2972 Datasheet HTML 55Page - Linear Technology LTC2972 Datasheet HTML 56Page - Linear Technology LTC2972 Datasheet HTML 57Page - Linear Technology LTC2972 Datasheet HTML 58Page - Linear Technology LTC2972 Datasheet HTML 59Page - Linear Technology LTC2972 Datasheet HTML 60Page - Linear Technology LTC2972 Datasheet HTML 61Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 112 page
background image
LTC2972
57
2972fa
For more information www.linear.com/LTC2972
The best way to understand the self-heating effect inside the inductor is to model the system using the circuit analogy
of Figure 19. The 1st order differential equation for the above model may be approximated by the following difference
equation:
PI – TI/θIS = Cτ ∆TI/∆t (Eq1) (when TS = 0)
from which:
∆TI = ∆t (PI θIS – TI)/(θIS Cτ) (Eq2) or
∆TI = (PI θIS – TI) • τINV (Eq3)
where
τINV = ∆t/(θIS Cτ) (Eq4)
and ∆t is the sample period of the external temperature ADC.
The LTC2972 implements the self-heating algorithm using Eq3 and Eq4 where:
∆TI =∆MFR_T_SELF_HEAT
PI = READ_IOUT • (VISENSEP – VISENSEM)
TS = READ_TEMPERATURE_1
TI = MFR_T_SELF_HEAT + TS
∆t = 4 • tCONV_SENSE. (One complete external temperature loop period)
τINV = MFR_IOUT_CAL_GAIN_TAU_INV
θIS = MFR_IOUT_CAL_GAIN_THETA
Initially self heat is set to zero. After each temperature measurement self heat is updated to be the previous value of
self heat incremented or decremented by ∆MFR_T_SELF_HEAT.
The actual value of Cτ is not required. The important quantity is the thermal time constant τINV = (θIS Cτ). For example,
if an inductor has a thermal time constant τINV = 5 seconds then:
MFR_IOUT_CAL_GAIN_TAU_INV = (4 • tCONV_SENSE)/5 = 4 • 66ms/5s = 0.0528
Refer to the application section for more information on calibrating θIS and τINV.
READ_TEMPERATURE_2 is substituted for READ_TEMPERATURE_1 if the associated TSENSE network fails to detect
a valid temperature. Under these conditions TS = READ_TEMPERATURE_2 and the self-heating correction is applied
using the internal die temperature. See READ_TEMPERATURE_1 for more information.
MFR_T_SELF_HEAT Data Content
Bit(s) Symbol
Operation
b[15:0] Mfr_t_self_heat
Values are limited to the range 0°C to 50°C.
MFR_IOUT_CAL_GAIN_THETA Data Content
Bit(s) Symbol
Operation
b[15:0] Mfr_iout_cal_gain_theta
Values ≤ 0 set MFR_T_SELF_HEAT to zero.
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com